Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LS52-16PC Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT89LS52-16PC
Description  8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS52-16PC Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT89LS52-16PC Datasheet HTML 15Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 16Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 17Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 18Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 19Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 20Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 21Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 22Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
19
AT89LS52
2601A–12/01
Oscillator
Characteristics
XTAL1 and XTAL2 are the input and output, respectively, of an inverting amplifier that can be
configured for use as an on-chip oscillator, as shown in Figure 7. Either a quartz crystal or
ceramic resonator may be used. To drive the device from an external clock source, XTAL2
should be left unconnected while XTAL1 is driven, as shown in Figure 8. There are no require-
ments on the duty cycle of the external clock signal, since the input to the internal clocking
circuitry is through a divide-by-two flip-flop, but minimum and maximum voltage high and low
time specifications must be observed.
Idle Mode
In idle mode, the CPU puts itself to sleep while all the on-chip peripherals remain active. The
mode is invoked by software. The content of the on-chip RAM and all the special functions
registers remain unchanged during this mode. The idle mode can be terminated by any
enabled interrupt or by a hardware reset.
Note that when idle mode is terminated by a hardware reset, the device normally resumes pro-
gram execution from where it left off, up to two machine cycles before the internal reset
algorithm takes control. On-chip hardware inhibits access to internal RAM in this event, but
access to the port pins is not inhibited. To eliminate the possibility of an unexpected write to a
port pin when idle mode is terminated by a reset, the instruction following the one that invokes
idle mode should not write to a port pin or to external memory.
Power-down
Mode
In the Power-down mode, the oscillator is stopped, and the instruction that invokes Power-
down is the last instruction executed. The on-chip RAM and Special Function Registers retain
their values until the Power-down mode is terminated. Exit from Power-down mode can be ini-
tiated either by a hardware reset or by activation of an enabled external interrupt (INT0 or
INT1). Reset redefines the SFRs but does not change the on-chip RAM. The reset should not
be activated before VCC is restored to its normal operating level and must be held active long
enough to allow the oscillator to restart and stabilize.
Figure 7. Oscillator Connections
Note:
C1, C2 = 30 pF
± 10 pF for Crystals
= 40 pF
± 10 pF for Ceramic Resonators
C2
XTAL2
GND
XTAL1
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com