Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LS52-16PC Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT89LS52-16PC
Description  8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS52-16PC Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT89LS52-16PC Datasheet HTML 26Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 27Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 28Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 29Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 30Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 31Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 32Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 33Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
30
AT89LS52
2601A–12/01
Notes:
1. Under steady state (non-transient) conditions, I
OL must be externally limited as follows:
Maximum I
OL per port pin: 10 mA
Maximum IOL per 8-bit port:
Port 0: 26 mA
Ports 1, 2, 3: 15 mA
Maximum total IOL for all output pins: 71 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test conditions.
2. Minimum V
CC for Power-down is 2V.
Absolute Maximum Ratings*
Operating Temperature.................................. -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin
with Respect to Ground .....................................-1.0V to +7.0V
Maximum Operating Voltage ............................................ 6.6V
DC Output Current...................................................... 15.0 mA
DC Characteristics
The values shown in this table are valid for T
A = -40°C to 85°C and VCC = 2.7V to 4.0V, unless otherwise noted.
Symbol
Parameter
Condition
Min
Max
Units
V
IL
Input Low Voltage
(Except EA)-0.5
0.7
V
V
IL1
Input Low Voltage (EA)-0.5
0.2 V
CC-0.3
V
VIH
Input High Voltage
(Except XTAL1, RST)
0.2 VCC+0.9
VCC+0.5
V
V
IH1
Input High Voltage
(XTAL1, RST)
0.7 V
CC
V
CC+0.5
V
V
OL
Output Low Voltage(1) (Ports 1,2,3)
I
OL = 0.8 mA
0.45
V
V
OL1
Output Low Voltage
(1)
(Port 0, ALE, PSEN)
I
OL = 1.6 mA
0.45
V
VOH
Output High Voltage
(Ports 1,2,3, ALE, PSEN)
I
OH = -60 µA, VCC = 5V ± 10%
2.4
V
IOH = -25 µA
0.75 VCC
V
I
OH = -10 µA
0.9 V
CC
V
VOH1
Output High Voltage
(Port 0 in External Bus Mode)
I
OH = -800 µA, VCC = 5V ± 10%
2.4
V
IOH = -300 µA
0.75 VCC
V
I
OH = -80 µA
0.9 V
CC
V
I
IL
Logical 0 Input Current (Ports 1,2,3)
V
IN = 0.45V
-50
µA
I
TL
Logical 1 to 0 Transition Current
(Ports 1,2,3)
V
IN = 2V, VCC = 5V ± 10%
-650
µA
I
LI
Input Leakage Current (Port 0, EA)
0.45 < V
IN < VCC
±10
µA
RRST
Reset Pulldown Resistor
50
300
K
Ω
C
IO
Pin Capacitance
Test Freq. = 1 MHz, T
A = 25°C10
pF
ICC
Power Supply Current
Active Mode, 12 MHz
25
mA
Idle Mode, 12 MHz
6.5
mA
Power-down Mode
(1)
V
CC = 4.0V
30
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com