Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST38VF6401 Datasheet(PDF) 22 Page - Microchip Technology

Part # SST38VF6401
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6401 Datasheet(HTML) 22 Page - Microchip Technology

Back Button SST38VF6401 Datasheet HTML 18Page - Microchip Technology SST38VF6401 Datasheet HTML 19Page - Microchip Technology SST38VF6401 Datasheet HTML 20Page - Microchip Technology SST38VF6401 Datasheet HTML 21Page - Microchip Technology SST38VF6401 Datasheet HTML 22Page - Microchip Technology SST38VF6401 Datasheet HTML 23Page - Microchip Technology SST38VF6401 Datasheet HTML 24Page - Microchip Technology SST38VF6401 Datasheet HTML 25Page - Microchip Technology SST38VF6401 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
©2015
DS-20005015B
08/15
22
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Not Recommended for New Designs
Irreversible Block Locking
The SST38VF6401/6402/6403/6404 provides Irreversible Block Locking, a feature that allows users to
customize the size of Read-Only Memory (ROM) on the device and provides more flexibility than One-
Time Programmable (OTP) memory.
Applying Irreversible Block Locking turns user-selected memory areas into ROM by permanently dis-
abling Program and Erase operations to these chosen areas. Any area that becomes ROM cannot be
changed back to Flash.
Any memory blocks in the main memory, including boot blocks, can be irreversibly locked. In non-uni-
form boot block devices (SST38VF6403 and SST38VF6404) each 4 KW sector in the boot area can be
irreversibly locked. If desired, all blocks in the main memory can be irreversibly locked.
To use Irreversible Block Locking do the following:
1.
Global Lock Bit should be ‘1’. The Irreversible Block Lock command is disabled when
Global Lock Bit is ‘0’.
2.
Enter the Non-Volatile Block Protection mode.
3.
Use the NVPB Program command to protect only the blocks that are to be changed into
ROM.
4.
Exit the Non-Volatile Block Protection mode.
5.
Issue the Irreversible Block Lock command (see Table 11 for details).
The Irreversible Block Lock command can only be used once. Issuing the command after the first time
has no effect on the device.
Important: Once the Irreversible Block Lock command is used, the state of the NVPBs can no longer
be changed or overridden. Therefore, the following features no longer have any effect on the device:
•
Global Lock of NVPBs feature
•
Password feature
•
NVPB Program command
•
NVPB Erase command
•
DQ2 and DQ1 of PSR
In addition, WP# has no effect on any memory in the boot block area that has been irreversibly locked.
To verify whether the Irreversible Block Lock command has already been issued, enter the Product ID
mode and read address 5FEH. If DQ0 = 0, then Irreversible Block Lock has already been executed.
When using this feature to determine if a specific block is ROM, use the NVPB Status Read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com