Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST38VF6401 Datasheet(PDF) 19 Page - Microchip Technology

Part # SST38VF6401
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6401 Datasheet(HTML) 19 Page - Microchip Technology

Back Button SST38VF6401 Datasheet HTML 15Page - Microchip Technology SST38VF6401 Datasheet HTML 16Page - Microchip Technology SST38VF6401 Datasheet HTML 17Page - Microchip Technology SST38VF6401 Datasheet HTML 18Page - Microchip Technology SST38VF6401 Datasheet HTML 19Page - Microchip Technology SST38VF6401 Datasheet HTML 20Page - Microchip Technology SST38VF6401 Datasheet HTML 21Page - Microchip Technology SST38VF6401 Datasheet HTML 22Page - Microchip Technology SST38VF6401 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
©2015
DS-20005015B
08/15
19
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Not Recommended for New Designs
Individual Block Protection
The SST38VF6401/6402/6403/6404 provide two methods for Individual Block protection: Volatile Block
Protection and Non-Volatile Block Protection. Data in protected blocks cannot be altered.
Volatile Block Protection
The Volatile Block Protection feature provides a faster method than Non-Volatile Protection to protect
and unprotect 32 KWord blocks. Each block has it’s own Volatile Protection Bit (VPB). In the
SST38VF6401/2, the 32 KWord boot block also has a VPB. In the SST38VF6403/4 devices, each of
the two 4 KWord sectors in the 8 KWord boot area has it's own VPB.
After using the Volatile Block Protection Mode Entry command to enter the Volatile Block Protection
mode, individual VPBs can be set or reset with VPB Set/Clear, or be read with VPB Status Read. If the
VPB is ‘0’, then the block is protected from Program and Erase. If the VPB is ‘1’, then the block is
unprotected. The Volatile Block Protection Exit command must be issued to exit Volatile Block Protec-
tion mode. See Table 11 for further details on the commands and Figure 31 for a flow chart.
If the device experiences a hardware reset or a power cycle, all the VPBs return to their default state
as determined by user-programmable bit DQ4 in the PSR. If DQ4 is ‘0’, then all VPBs default to ‘0’ (pro-
tected). If DQ4 is ‘1’, then all VPBs default to ‘1’ (unprotected).
Non-Volatile Block Protection
The Non-Volatile Block Protection feature provides protection to individual blocks using Non-Volatile
Protection Bits (NVPBs). Each block has it’s own Non-Volatile Protection Bit. In the SST38VF6401/2,
the 32 KWord boot block also has a it's own NVPB. In the SST38VF6403/4, each 4 KWord sector in
the 8KWord boot area has it's own NVPB. All NVPBs come from the factory set to ‘1’, the unprotected
state.
Use the Non-Volatile Block Protection Mode Entry command to enter the Non-Volatile Block Protection
mode. Once in this mode, the NVPB Program command can be used to protect individual blocks by
setting individual NVPBs to ‘0’. The time needed to program an NVPB is two times TBP, which is a max-
imum of 20µs. The NVPB Status Read command can be used to check the protection state of an indi-
vidual NVPB.
To change an NVPB to ‘1’, the unprotected state, the NVPB must be erased using NVPBs Erase com-
mand. This command erases all NVPBs to ‘1’. NVPB Program should be used to set the NVPBs of any
blocks that are to be protected before exiting the Non-Volatile Block Protection mode. See Table 11
and Figure 32 for further details.
Upon a power cycle or hardware reset, the NVPBs retain their states. Memory areas that are protected
using Non-Volatile Block Protection remain protected. The NVPB Program and NVPBs Erase com-
mands are permanently disabled once the Irreversible Block Lock command is issued. See “Irrevers-
ible Block Locking” on page 22 for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com