Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST38VF6401 Datasheet(PDF) 46 Page - Microchip Technology

Part # SST38VF6401
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6401 Datasheet(HTML) 46 Page - Microchip Technology

Back Button SST38VF6401 Datasheet HTML 42Page - Microchip Technology SST38VF6401 Datasheet HTML 43Page - Microchip Technology SST38VF6401 Datasheet HTML 44Page - Microchip Technology SST38VF6401 Datasheet HTML 45Page - Microchip Technology SST38VF6401 Datasheet HTML 46Page - Microchip Technology SST38VF6401 Datasheet HTML 47Page - Microchip Technology SST38VF6401 Datasheet HTML 48Page - Microchip Technology SST38VF6401 Datasheet HTML 49Page - Microchip Technology SST38VF6401 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
©2015
DS-20005015B
08/15
46
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Not Recommended for New Designs
Figure 20:RST# Timing Diagram (When no internal operation is in progress)
Figure 21:RST# Timing Diagram (During Program or Erase operation)
Figure 22:AC Input/Output Reference Waveforms
1309 F15.2
RST#
CE#/OE#
TRP
TRHR
TRY
RY/BY#
1309 F16.2
RST#
CE#/OE#
TRP
TRYE
RY/BY#
TRB
1309 F17.0
REFERENCE POINTS
OUTPUT
INPUT
VIT
VIHT
VILT
VOT
AC test inputs are driven at VIHT (0.9 VDD) for a logic “1” and VILT (0.1 VDD) for a logic “0”. Mea-
surement reference points for inputs and outputs are VIT (0.5 VDD) and VOT (0.5 VDD). Input rise
and fall times (10%
90%) are <5 ns.
Note: VIT - VINPUT Test
VOT - VOUTPUT Test
VIHT - VINPUT HIGH Test
VILT - VINPUT LOW Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com