Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST38VF6401 Datasheet(PDF) 64 Page - Microchip Technology

Part # SST38VF6401
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6401 Datasheet(HTML) 64 Page - Microchip Technology

Back Button SST38VF6401 Datasheet HTML 56Page - Microchip Technology SST38VF6401 Datasheet HTML 57Page - Microchip Technology SST38VF6401 Datasheet HTML 58Page - Microchip Technology SST38VF6401 Datasheet HTML 59Page - Microchip Technology SST38VF6401 Datasheet HTML 60Page - Microchip Technology SST38VF6401 Datasheet HTML 61Page - Microchip Technology SST38VF6401 Datasheet HTML 62Page - Microchip Technology SST38VF6401 Datasheet HTML 63Page - Microchip Technology SST38VF6401 Datasheet HTML 64Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 64 / 64 page
background image
©2015
DS-20005015B
08/15
64
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Not Recommended for New Designs
Table 25: Revision History
Number
Description
Date
00
•
Initial release
Mar 2007
01
•
Removed Program Suspend/Resume on page 10
•
Updated “Erase-Suspend/Erase-Resume Commands” on page 11
•
Updated “Non-Volatile Block Protection” on page 19
•
Updated “Password Mode (DQ2, DQ1 = 0,1)” on page 20
•
Updated “Power-Up Specifications” on page 32
•
Added a note to Figure 32 on page 56
•
Updated “Product Ordering Information” on page 60
Sep 2007
02
•
Modified Features and Product Description on page 1
Dec 2007
03
•
Revised endurance statement in Features, Product Description and
Table 20 footnote
•
Updated “Product Ordering Information” on page 60
•
Changed document status to “Preliminary Specification”
Aug 2008
04
•
Changed 1V per 100 µs to 1V per 100 ms in Power Up Specification on
page 26
Jan 2009
05
•
EOL of all 10,000 cycle endurance products. All 10,000 cycle endurance
products removed. See S71309(01).
•
Changed document status to “Data Sheet”
Jul 2009
A
•
Applied new document format
•
Released document under letter-revision system
•
Updated Spec Number from S71309 to DS-25015
Apr 2011
B
•
Document marked “Not Recommended for New Designs.”
Aug 2015
© 2015 Microchip Technology Inc.
SST, Silicon Storage Technology, the SST logo, SuperFlash, and MTP are registered trademarks of Microchip Technology, Inc.
MPF, SQI, Serial Quad I/O, and Z-Scale are trademarks of Microchip Technology, Inc. All other trademarks and registered trade-
marks mentioned herein are the property of their respective owners.
Specifications are subject to change without notice. Refer to www.microchip.com for the most recent documentation. For the most current
package drawings, please see the Packaging Specification located at http://www.microchip.com/packaging.
Memory sizes denote raw storage capacity; actual usable capacity may be less.
Microchip makes no warranty for the use of its products other than those expressly contained in the Standard Terms and Conditions
of Sale.
For sales office locations and information, please see www.microchip.com.
www.microchip.com
ISBN:978-1-63277-711-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com