Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST38VF6401 Datasheet(PDF) 14 Page - Microchip Technology

Part # SST38VF6401
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6401 Datasheet(HTML) 14 Page - Microchip Technology

Back Button SST38VF6401 Datasheet HTML 10Page - Microchip Technology SST38VF6401 Datasheet HTML 11Page - Microchip Technology SST38VF6401 Datasheet HTML 12Page - Microchip Technology SST38VF6401 Datasheet HTML 13Page - Microchip Technology SST38VF6401 Datasheet HTML 14Page - Microchip Technology SST38VF6401 Datasheet HTML 15Page - Microchip Technology SST38VF6401 Datasheet HTML 16Page - Microchip Technology SST38VF6401 Datasheet HTML 17Page - Microchip Technology SST38VF6401 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
©2015
DS-20005015B
08/15
14
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Not Recommended for New Designs
RY/BY#
The RY/BY# pin can be used to determine the status of a Program or Erase operation. The RY/BY# pin
is valid after the rising edge of the final WE# pulse in the command sequence. If RY/BY# = 0, then the
device is actively programming or erasing. If RY/BY# = 1, the device is in Read mode. The RY/BY# pin
is an open drain output pin. This means several RY/BY# can be tied together with a pull-up resistor to
VDD..
Data Protection
The SST38VF6401/6402/6403/6404 provide both hardware and software features to protect nonvolatile
data from inadvertent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than
5 ns will not initiate a write cycle.
VDD Power Up/Down Detection: The Write operation is inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, CE# high, or WE# high will inhibit the Write operation. This pre-
vents inadvertent writes during power-up or power-down.
Table 4: Write Operation Status
Status
DQ71
1. DQ7 and DQ2 require a valid address when reading status information.
DQ6
DQ21
DQ1
RY/BY#2
2. RY/BY# is an open drain pin. RY/BY# is high in Read mode, and Read in Erase-Suspend mode.
Normal
Operation
Standard Program
DQ7#
Toggle
No Toggle
0
0
Standard Erase
0
Toggle
Toggle
N/A
0
Erase-Suspend Mode
Read from Erase-Suspended
Sector/Block
1
No toggle
Toggle
N/A
1
Read from Non- Erase-
Suspended Sector/Block
Data
Data
Data
Data
1
Program
DQ7#
Toggle
N/A
N/A
0
Program Buffer-to-Flash
Busy
DQ7#3
3. During a Program Buffer-to-Flash operation, the datum on the DQ7 pin is the complement of DQ7 of the last word
loaded in the Write-Buffer using the Write-to-Buffer command.
Toggle
N/A
0
0
Abort
DQ7#3 Toggle
N/A
1
0
T4.0 20005015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com