Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC823 Datasheet(PDF) 47 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 47 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 43Page - Motorola, Inc MPC823 Datasheet HTML 44Page - Motorola, Inc MPC823 Datasheet HTML 45Page - Motorola, Inc MPC823 Datasheet HTML 46Page - Motorola, Inc MPC823 Datasheet HTML 47Page - Motorola, Inc MPC823 Datasheet HTML 48Page - Motorola, Inc MPC823 Datasheet HTML 49Page - Motorola, Inc MPC823 Datasheet HTML 50Page - Motorola, Inc MPC823 Datasheet HTML 51Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 74 page
background image
Communication Processor Module
MOTOROLA
MPC823 REFERENCE MANUAL
16-425
L—Last (EOM)
This bit is only valid when a serial management controller implements the monitor
channel protocol and is set when the EOM indication is received on the E bit. When this
bit is set, the data byte is invalid.
ER—Error Condition
This bit is only valid when a serial management controller implements the monitor
channel protocol and is set when an error condition occurs on the monitor channel
protocol. A new byte is transmitted before a serial management controller
acknowledges the previous byte.
MS—Data Mismatch
This bit is only valid when a serial management controller implements the monitor
channel protocol. It is set when two different consecutive bytes are received and it is
cleared when the last two consecutive bytes match. A serial management controller
waits for the reception of two identical consecutive bytes before writing new data to the
RX buffer descriptor.
Bits 4–7—Reserved
These bits are reserved and must be set to 0.
DATA—Data
This field contains the monitor channel data byte that a serial management controller
received.
• M_TXBD—The SMCx monitor channel transmit buffer descriptor is used by the
communication processor module to report information about the monitor channel
transmit byte.
R—Ready
0 =
This bit is cleared by the communication processor module after transmission.
The TX buffer descriptor is now available to the core.
1 =
The core sets this bit to indicate that the data byte associated with this buffer
descriptor is ready for transmission.
L—Last (EOM)
This bit is only valid when a serial management controller implements the monitor
channel protocol. When it is set, a serial management controller first transmits the buffer
data and then transmits the EOM indication on the E bit.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
OFFSET + 0
RL
AR
RESERVED
DATA
NOTE: You are only responsible for initializing the items in bold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com