Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC823 Datasheet(PDF) 52 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 52 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 48Page - Motorola, Inc MPC823 Datasheet HTML 49Page - Motorola, Inc MPC823 Datasheet HTML 50Page - Motorola, Inc MPC823 Datasheet HTML 51Page - Motorola, Inc MPC823 Datasheet HTML 52Page - Motorola, Inc MPC823 Datasheet HTML 53Page - Motorola, Inc MPC823 Datasheet HTML 54Page - Motorola, Inc MPC823 Datasheet HTML 55Page - Motorola, Inc MPC823 Datasheet HTML 56Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 74 page
background image
Communication Processor Module
16-430
MPC823 REFERENCE MANUAL
MOTOROLA
16.11.8.6 SMCx GCI MASK REGISTER. When a serial management controller is in GCI
mode, the 8-bit, memory-mapped, read/write SMCx mask register is referred to as the SMCx
GCI mask (SMCM–GCI) register. It has the same bit format as the SMCE–GCI register. If a
bit in this register is a 1, the corresponding interrupt in the SMCE–GCI is enabled. If the bit
is zero, the corresponding interrupt in the SMCE–GCI is masked.
16.12 THE SERIAL PERIPHERAL INTERFACE
The serial peripheral interface (SPI) allows the MPC823 to exchange data between other
MPC8xx microprocessors, the MC68328, MC68360, and MC68302 embedded
microprocessors, as well as the MC68HC11 and MC68HC05 microcontroller families and a
variety of peripheral devices.
The serial peripheral interface is a full-duplex, synchronous, character-oriented channel that
supports a four-wire interface (receive, transmit, clock and slave select). The SPI block
consists of transmitter and receiver sections, an independent baud rate generator, and a
control unit. The transmitter and receiver sections use the same clock, which is derived from
the SPI baud rate generator in master mode and generated externally in slave mode. During
an SPI transfer, data is transmitted and received simultaneously.
Because the SPI receiver and transmitter are double-buffered, as illustrated in the block
diagram below, the effective FIFO size is 2 characters. You can program the MPC823 serial
peripheral interface to shift out the most- or least-significant bit first. When the serial
peripheral interface is not enabled in the SPMODE register, it consumes very little power.
SMCM–GCI
BIT
0
1
2
3
4
5
6
7
FIELD
RESERVED
CTXB
CRXB
MTXB
MRXB
RESET
0
0000
R/W
R/W
R/W
R/W
R/W
R/W
ADDR
(IMMR & 0xFFFF0000) + 0xA8A (SMC1), 0xA9A(SMC2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com