Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC823 Datasheet(PDF) 48 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 48 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 44Page - Motorola, Inc MPC823 Datasheet HTML 45Page - Motorola, Inc MPC823 Datasheet HTML 46Page - Motorola, Inc MPC823 Datasheet HTML 47Page - Motorola, Inc MPC823 Datasheet HTML 48Page - Motorola, Inc MPC823 Datasheet HTML 49Page - Motorola, Inc MPC823 Datasheet HTML 50Page - Motorola, Inc MPC823 Datasheet HTML 51Page - Motorola, Inc MPC823 Datasheet HTML 52Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 74 page
background image
Communication Processor Module
16-426
MPC823 REFERENCE MANUAL
MOTOROLA
AR—Abort Request
This bit is only valid when a serial management controller uses the monitor channel
protocol and it is set by a serial management controller when an abort request is
received on the A bit. The SMCx transmitter transmits the EOM on the E bit after an
abort request is received.
Bits 3–7—Reserved
These bits are reserved and must be set to 0.
DATA—Data Field
This field contains the data to be transmitted by a serial management controller on the
monitor channel.
• C/I_RXBD—The SMCx circuit interface channel receive (RX) buffer descriptor is used
by the communication processor module to report information about the circuit interface
channel receive byte.
E—Empty
0 =
The communication processor module clears this bit to indicate that the data
byte associated with this buffer descriptor is now available to the core.
1 =
The core set this bit to indicate that the data byte associated with this buffer
descriptor has been read.
Bits 1–7 and 14–15—Reserved
These bits are reserved and must be set to 0.
C/I DATA—Command/Indication Data Bits
This field represents a 4-bit data field for circuit interface channel 0 and a 6-bit data field
for circuit interface channel 1. It contains the data received from the circuit interface
channel. For circuit interface channel 0, bits 10-13 contain the 4-bit data field and bits
8 and 9 are always written with zeros. For circuit interface channel 1, bits 8-13 contain
the 6-bit data field.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
OFFSET + 0
E
RES
C/I DATA
RESERVED
Note: Additional data received is discarded until the E bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com