Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC823 Datasheet(PDF) 63 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 63 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 59Page - Motorola, Inc MPC823 Datasheet HTML 60Page - Motorola, Inc MPC823 Datasheet HTML 61Page - Motorola, Inc MPC823 Datasheet HTML 62Page - Motorola, Inc MPC823 Datasheet HTML 63Page - Motorola, Inc MPC823 Datasheet HTML 64Page - Motorola, Inc MPC823 Datasheet HTML 65Page - Motorola, Inc MPC823 Datasheet HTML 66Page - Motorola, Inc MPC823 Datasheet HTML 67Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
Communication Processor Module
MOTOROLA
MPC823 REFERENCE MANUAL
16-441
REV—Reverse Data
This bit determines the receive and transmit character bit order.
0 = Reverse data. Least-significant bit of the character transmitted and received first.
1 = Normal operation. Most-significant bit of the character transmitted and received
first.
M/S—Master/Slave
This bit configures the serial peripheral interface to operate as a master or slave.
0 = The serial peripheral interface is a slave.
1 = The serial peripheral interface is a master.
EN—Enable SPI
This bit enables serial peripheral interface operation. Configure the SPIMOSI, SPIMISO,
SPICLK, and SPISEL pins to connect to the serial peripheral interface, as described in
Section 16.14.6 The Port B Registers. When the EN bit is cleared, the serial peripheral
interface is in a reset state and consumes minimal power, which means the SPI baud rate
generator is not functioning and the input clock is disabled.
0 = The serial peripheral interface is disabled.
1 = The serial peripheral interface is enabled.
LEN—Character Length
This field specifies the number of bits in a character. These values must be between 4 and
16 bits. If you program a value less than 4 bits, erratic behavior will occur. If the value of LEN
is less than or equal to a byte, there will be LEN number of valid bits in every byte (8 bits) in
memory. On the other hand, if the value of LEN is greater than a byte, there is LEN number
of valid bits in every half-word (16 bits) in memory.
0011 = 4-bit character length.
0100 = 5-bit character length.
0101 = 6-bit character length.
0110 = 7-bit character length.
0111 = 8-bit character length.
•
•
•
1111 = 16-bit character length.
Note: You must not modify other bits of the SPMODE register when the EN bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com