| Electronic Components Datasheet Search |
|
MPC823 Datasheet(PDF) 57 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC823 Datasheet(HTML) 57 Page - Motorola, Inc |
|
57 / 74 page ![]() Communication Processor Module MOTOROLA MPC823 REFERENCE MANUAL 16-435 16.12.3.2 SPI PARAMETER RAM MEMORY MAP. The SPI parameter RAM area begins at the SPI base address and is used for the general SPI parameters. Notice that it is similar to the SCCx general-purpose parameter RAM. You must initialize certain parameter RAM values before the serial peripheral interface is enabled. The communication processor module initilizes the other values. Once initialized, the parameter RAM values do not usually need to be accessed by your software. They only need to be modified when there is no serial peripheral interface activity in progress. • RBASE and TBASE—The dual-port RAM starts receiving and transmitting data for the RX and TX buffer descriptors in the RBASE and TBASE entries. They provide a great deal of flexibility for partitioning buffer descriptors for a serial peripheral interface. You must initialize these entries before enabling the corresponding channel. You must not configure the SPI buffer descriptor tables to overlap with the tables of the USB, SMCx, and SCCx or erratic operation will occur. RBASE and TBASE must contain a value that is divisible by eight. Table 16-39. SPI Parameter RAM Memory Map ADDRESS NAME WIDTH DESCRIPTION SPI Base + 00 RBASE Half-word RX Buffer Descriptor Base Address SPI Base+ 02 TBASE Half-word TX Buffer Descriptor Base Address SPI Base+ 04 RFCR Byte RX Function Code SPI Base+ 05 TFCR Byte TX Function Code SPI Base+ 06 MRBLR Half-word Maximum Receive Buffer Length SPI Base+ 08 RSTATE Word RX Internal State SPI Base+ 0C RPTR Word RX Internal Data Pointer SPI Base + 10 RBPTR Half-word RX Buffer Descriptor Pointer SPI Base + 12 RCNT Half-word RX Internal Byte Count SPI Base + 14 RTMP Word RX Temp SPI Base + 18 TSTATE Word TX Internal State SPI Base + 1C TPTR Word TX Internal Data Pointer SPI Base + 20 TBPTR Half-word TX Buffer Descriptor Pointer SPI Base + 22 TCNT Half-word TX Internal Byte Count SPI Base + 24 TTMP Word TX Temp NOTE: You are only responsible for initializing the items in bold. SPI Base = (IMMR & 0xFFFF0000) + 0x3D80. SCCx Ethernet parameter RAM space overlaps the SPI parameter RAM space. The address range for SCCx space is 0x1000 through 0x1CA3. You need a microcode patch to run SPI and Ethernet concurrently. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |