Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3233B-40U6T Datasheet(PDF) 70 Page - STMicroelectronics

Part # UPSD3233B-40U6T
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3233B-40U6T Datasheet(HTML) 70 Page - STMicroelectronics

Back Button UPSD3233B-40U6T Datasheet HTML 66Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 67Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 68Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 69Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 70Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 71Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 72Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 73Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 176 page
background image
µPSD323X
70/176
ANALOG-TO-DIGITAL CONVERTOR (ADC)
The analog to digital (A/D) converter allows con-
version of an analog input to a corresponding 8-bit
digital value. The A/D module has four analog in-
puts, which are multiplexed into one sample and
hold. The output of the sample and hold is the in-
put into the converter, which generates the result
via successive approximation. The analog supply
voltage is connected to AVREF of ladder resis-
tance of A/D module.
The A/D module has two registers which are the
control register ACON and A/D result register
ADAT. The register ACON, shown in Table 47,
page 71, controls the operation of the A/D convert-
er module. To use analog inputs, I/O is selected by
P1SFS register. Also an 8-bit prescaler ASCL di-
vides the main system clock input down to approx-
imately 6MHz clock that is required for the ADC
logic. Appropriate values need to be loaded into
the prescaler based upon the main MCU clock fre-
quency prior to use.
The processing of conversion starts when the
Start Bit ADST is set to ’1.’ After one cycle, it is
cleared by hardware. The register ADAT contains
the results of the A/D conversion. When conver-
sion is completed, the result is loaded into the
ADAT the A/D Conversion Status Bit ADSF is set
to ’1.’
The block diagram of the A/D module is shown in
Figure 35. The A/D Status Bit ADSF is set auto-
matically when A/D conversion is completed,
cleared when A/D conversion is in process.
The ASCL should be loaded with a value that re-
sults in a clock rate of approximately 6MHz for the
ADC using the following formula:
ADC clock input = (Fosc / 2) / (Prescaler register
value +1)
Where Fosc is the MCU clock input frequency
The conversion time for the ADC can be calculat-
ed as follows:
ADC Conversion Time = 8 clock * 8bits * (ADC
Clock) ~= 10.67usec (at 6MHz)
ADC Interrupt
The ADSF Bit in the ACON register is set to ’1’
when the A/D conversion is complete. The status
bit can be driven by the MCU, or it can be config-
ured to generate a falling edge interrupt when the
conversion is complete.
The ADSF interrupt is enabled by setting the ADS-
FINT Bit in the PCON register. Once the bit is set,
the external INT1 interrupt is disabled and the
ADSF interrupt takes over as INT1. INT1 must be
configured as if it is an edge interrupt input. The
INP1 pin (p3.3) is available for general I/O func-
tions, or Timer1 gate control.
Figure 35. A/D Block Diagram
AI06627
Input
MUX
ACH0
ACH1
ACH2
ACH3
ACON
INTERNAL BUS
ADAT
AVREF
Ladder
Resistor
D
ecode
S/H
Successive
Approximation
Circuit
Conversion
Complete
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com