Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3233B-40U6T Datasheet(PDF) 78 Page - STMicroelectronics

Part # UPSD3233B-40U6T
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3233B-40U6T Datasheet(HTML) 78 Page - STMicroelectronics

Back Button UPSD3233B-40U6T Datasheet HTML 74Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 75Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 76Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 77Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 78Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 79Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 80Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 81Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 176 page
background image
µPSD323X
78/176
Table 50. Serial Control Register (SxCON: S1CON, S2CON)
Table 51. Description of the SxCON Bits
Table 52. Selection of the Serial Clock Frequency SCL in Master Mode
76543210
CR2
ENII
STA
STO
ADDR
AA
CR1
CR0
Bit
Symbol
Function
7CR2
This bit along with Bits CR1and CR0 determines the serial clock frequency when SIO is
in the Master Mode.
6ENII
Enable IIC. When ENI1 = 0, the IIC is disabled. SDA and SCL outputs are in the high
impedance state.
5STA
START flag. When this bit is set, the SIO H/W checks the status of the I2C-bus and
generates a START condition if the bus free. If the bus is busy, the SIO will generate a
repeated START condition when this bit is set.
4
STO
STOP flag. With this bit set while in Master Mode a STOP condition is generated.
When a STOP condition is detected on the I2C-bus, the I2C hardware clears the STO
flag.
Note: This bit have to be set before 1 cycle interrupt period of STOP. That is, if this bit is
set, STOP condition in Master Mode is generated after 1 cycle interrupt period.
3
ADDR
This bit is set when address byte was received. Must be cleared by software.
2AA
Acknowledge enable signal. If this bit is set, an acknowledge (low level to SDA) is
returned during the acknowledge clock pulse on the SCL line when:
•Own slave address is received
•A data byte is received while the device is programmed to be a Master Receiver
•A data byte is received while the device is a selected Slave Receiver. When this bit is
reset, no acknowledge is returned.
SIO release SDA line as high during the acknowledge clock pulse.
1CR1
These two bits along with the CR2 Bit determine the serial clock frequency when SIO is
in the Master Mode.
0CR0
CR2
CR1
CR0
FOSC
Divisor
Bit Rate (kHz) at FOSC
12MHz
24MHz
36MHz
40MHz
0
0
0
16
375
750
X
X
0
0
1
24
250
500
750
833
0
1
0
30
200
400
600
666
0
1
1
60
100
200
300
333
1
0
0
120
50
100
150
166
1
0
1
240
255075
83
1
1
0
480
12.5
25
37.5
41
1
1
1
960
6.25
12.5
18.75
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com