Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3233B-40U6T Datasheet(PDF) 47 Page - STMicroelectronics

Part # UPSD3233B-40U6T
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3233B-40U6T Datasheet(HTML) 47 Page - STMicroelectronics

Back Button UPSD3233B-40U6T Datasheet HTML 43Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 44Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 45Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 46Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 47Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 48Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 49Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 50Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 176 page
background image
47/176
µPSD323X
PORT Type and Description
Figure 17. PORT Type and Description (Part 1)
AI06653
Symbol
Circuit
Description
In /
Out
RESET
I
• Schmitt input with internal pull-up
CMOS compatible interface
NFC : 400ns
WR, RD,ALE,
PSEN
O
Output only
Sink current : 5mA
.
XTAL1,
XTAL2
I
O
On-chip oscillator
On-chip feedback resistor
Stop in the power down mode
External clock input available
CMOS compatible interface
PORT0
I/O
Bidirectional I/O port
Schmitt input
Open-drain output(5V)
Address Output ( Push-Pull )
Sink current : 5mA
CMOS compatible interface
Source current: 5mA
NFC
xon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com