Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3233B-40U6T Datasheet(PDF) 98 Page - STMicroelectronics

Part # UPSD3233B-40U6T
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3233B-40U6T Datasheet(HTML) 98 Page - STMicroelectronics

Back Button UPSD3233B-40U6T Datasheet HTML 94Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 95Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 96Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 97Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 98Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 99Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 100Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 101Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 176 page
background image
µPSD323X
98/176
Receiver Characteristics
The
µPSD323X Devices has a differential input re-
ceiver which is able to accept the USB data signal.
The receiver features an input sensitivity of at least
200mV when both differential data inputs are in
the range of at least 0.8V to 2.5V with respect to
its local ground reference. This is the common
mode range, as shown in Figure 45. The receiver
tolerates static input voltages between -0.5V to
3.8V with respect to its local ground reference
without damage. In addition to the differential re-
ceiver, there is a single-ended receiver for each of
the two data lines. The single-ended receivers
have a switching threshold between 0.8V and 2.0V
(TTL inputs).
Figure 45. Differential Input Sensitivity Over Entire Common Mode Range
AI06630
0.0
0.0
0.2
0.4
0.6
1.0
0.8
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Common Mode Input Voltage (volts)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com