Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3233B-40U6T Datasheet(PDF) 17 Page - STMicroelectronics

Part # UPSD3233B-40U6T
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3233B-40U6T Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UPSD3233B-40U6T Datasheet HTML 13Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 14Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 15Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 16Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 17Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 18Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 19Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 20Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 176 page
background image
17/176
µPSD323X
ARCHITECTURE OVERVIEW
Memory Organization
The
µPSD323X Devices’s standard 8032 Core
has separate 64KB address spaces for Program
memory and Data Memory. Program memory is
where the 8032 executes instructions from. Data
memory is used to hold data variables. Flash
memory can be mapped in either program or data
space. The Flash memory consists of two flash
memory blocks: the main Flash (1 or 2Mbit) and
the Secondary Flash (256Kbit). Except during
flash memory programming or update, Flash
memory can only be read, not written to. A Page
Register is used to access memory beyond the
64K bytes address space. Refer to the PSD Mod-
ule for details on mapping of the Flash memory.
The 8032 core has two types of data memory (in-
ternal and external) that can be read and written.
The internal SRAM consists of 256 bytes, and in-
cludes the stack area.
The SFR (Special Function Registers) occupies
the upper 128 bytes of the internal SRAM, the reg-
isters can be accessed by Direct addressing only.
There are two separate blocks of external SRAM
inside the
µPSD323X Devices: one 256 bytes
block is assigned for DDC data storage. Another
8K bytes resides in the PSD Module that can be
mapped to any address space defined by the user.
Figure 5. Memory Map and Address Space
Registers
The 8032 has several registers; these are the Pro-
gram Counter (PC), Accumulator (A), B Register
(B), the Stack Pointer (SP), the Program Status
Word (PSW), General purpose registers (R0 to
R7), and DPTR (Data Pointer register).
Figure 6. 8032 MCU Registers
AI06635
SECONDARY
FLASH
FLASH
MAIN
32KB
128KB
OR
256KB
FF
7F
0
FFFF
(DDC)
8KB
256B
INT. RAM
EXT. RAM
EXT. RAM
Addressing
Indirect
Indirect
Direct
or
Addressing
Addressing
Direct
SFR
Internal RAM Space
(256 Bytes)
FF00
External RAM Space
(MOVX)
Flash Memory Space
AI06636
Accumulator
B Register
Stack Pointer
Program Counter
Program Status Word
General Purpose
Register (Bank0-3)
Data Pointer Register
PCH
DPTR(DPH)
A
B
SP
PCL
PSW
R0-R7
DPTR(DPL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com