Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121 Datasheet(PDF) 88 Page - ATMEL Corporation

Part # T83C5121
Description  8-bit Microcontroller with Multi protocol SMART Card Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121 Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button T83C5121 Datasheet HTML 84Page - ATMEL Corporation T83C5121 Datasheet HTML 85Page - ATMEL Corporation T83C5121 Datasheet HTML 86Page - ATMEL Corporation T83C5121 Datasheet HTML 87Page - ATMEL Corporation T83C5121 Datasheet HTML 88Page - ATMEL Corporation T83C5121 Datasheet HTML 89Page - ATMEL Corporation T83C5121 Datasheet HTML 90Page - ATMEL Corporation T83C5121 Datasheet HTML 91Page - ATMEL Corporation T83C5121 Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 110 page
background image
88
T8xC5121
4164E–SCR–02/04
Framing Error Detection
(Modes 1, 2 and 3)
Framing error detection is provided for the three asynchronous modes. To enable the
framing bit error detection feature, set SMOD0 bit in PCON register as shown in
Figure 45.
When this feature is enabled, the receiver checks each incoming data frame for a valid
stop bit. An invalid stop bit may result from noise on the serial lines or from simultaneous
transmission by two devices. If a valid stop bit is not found, the software sets FE bit in
SCON register.
Software may examine FE bit after each reception to check for data errors. Once set,
only software or a chip reset clear FE bit. Subsequently received frames with valid stop
bits cannot clear FE bit. When the framing error detection feature is enabled, RI rises on
stop bit instead of the last data bit as detailed in Figure 35.
Figure 45. Framing Error Block Diagram
Baud Rate Selection (Modes 1
and 3)
In modes 1 and 3, the Baud Rate is derived either from the Timer 1 or the Internal Baud
Rate Generator and allows different baud rate in reception and transmission.
As shown in Figure 46 the selection is done using RBCK and TBCK bits in BDRCON
register.
Figure 47 gives the baud rate calculation formulas for each baud rate source while
Table 65 details Internal Baud Rate Generator configuration for different peripheral
clock frequencies and giving baud rates closer to the standard baud rates.
Figure 46. Baud Rate Source Selection (Modes 1 and 3)
Figure 47. Baud Rate Formulas (Modes 1 and 3)
SM0
1
0
SMOD0
PCON.6
SM0/FE
SCON.7
Framing Error
Controller
FE
0
1
RBCK
BDRCON.2
T1
CLOCK
To Serial
IBRG
CLOCK
Reception Port
0
1
TBCK
BDRCON.3
T1
CLOCK
To serial
IBRG
CLOCK
Transmission Port
÷ 16
÷ 16
Baud_Rate
=
6
(1-SPD)
⋅ 32 ⋅ (256 -BRL)
2SMOD1 ⋅ F
PER
BRL = 256
-
6
(1-SPD
) ⋅ 32 ⋅ Baud_Rate
2
SMOD1
⋅ F
PER
Baud_Rate
=
6
⋅ 32 ⋅ (256 -TH1)
2
SMOD1
⋅ F
PER
TH1 = 256
-
192
⋅ Baud_Rate
2
SMOD1
⋅ F
PER
a. BRG Formula
b. T1 Formula



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com