Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121 Datasheet(PDF) 65 Page - ATMEL Corporation

Part # T83C5121
Description  8-bit Microcontroller with Multi protocol SMART Card Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121 Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button T83C5121 Datasheet HTML 61Page - ATMEL Corporation T83C5121 Datasheet HTML 62Page - ATMEL Corporation T83C5121 Datasheet HTML 63Page - ATMEL Corporation T83C5121 Datasheet HTML 64Page - ATMEL Corporation T83C5121 Datasheet HTML 65Page - ATMEL Corporation T83C5121 Datasheet HTML 66Page - ATMEL Corporation T83C5121 Datasheet HTML 67Page - ATMEL Corporation T83C5121 Datasheet HTML 68Page - ATMEL Corporation T83C5121 Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 110 page
background image
65
T8xC5121
4164E–SCR–02/04
}
void generate_crc_in_frame(void)
{
checksum_tx=(Uint16) FFFFh;
/* init of the crc variable */
/* loop which compute for each byte (data_byte) to load */
checksum_tx=compute_crc((Uint16)data_byte^checksum_tx)^(checksum_tx>>8);
/* end of loop */
checksum=~checksum_tx;
/* inverts the checksum, so the check will calculate
the CRC of all the datas and */
/* will find a constant value = F0B8
which is the CRC_REF const. of the Bootloader */
write_frame(LOW_BYTE(checksum));
/* writes the LOW_BYTE of the CRC first */
write_frame(HIGH_BYTE(checksum)); /* writes the HIGH_BYTE */
}
***************************************************************************************************
Table 47. Synthesis of Transfer Protection Mechanisms
Notes:
1. The transfer of SSB Byte is also secured by CRC as the CRC is computed on all the
16K data.
2. If a Bad transfer has occurred in the Internal EEPROM (CRC is bad), as the CRC
check is finally done at the end of CRAM programming, application program will NOT
be executed after any Reset.
Read/Write Protection
Lock Byte
In order to protect the content of the internal EEPROM, a Software Security Byte (SSB)
defines two security levels:
•
level 0: SSB = 0xFF: Write and Read are allowed
•
level 1: SSB = 0xFE: Write is disabled
•
level 2: SSB = 0xFC: Write and Read are disabled
This SSB Byte is located at address 3FFDh.
When the level 2 is set, the command to set level 1 is disabled. The security levels can
only be increased.
Source
Target
Check
MCU
CRAM
CRC computed during CRAM Write operation: if error an error code is applied
on P3.7 and Code execution by LJMP000 is not done.
Intern. EEP
MCU
This Read operation is secured by the Write sequence described above
MCU
Intern. EEP
Same protection as in first row above because CRAM is written in sequence
after each page programming of EEP
Ext. EEP
MCU
Same as above as data are transferred to EEP INT and then to CRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com