Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121 Datasheet(PDF) 55 Page - ATMEL Corporation

Part # T83C5121
Description  8-bit Microcontroller with Multi protocol SMART Card Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121 Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button T83C5121 Datasheet HTML 51Page - ATMEL Corporation T83C5121 Datasheet HTML 52Page - ATMEL Corporation T83C5121 Datasheet HTML 53Page - ATMEL Corporation T83C5121 Datasheet HTML 54Page - ATMEL Corporation T83C5121 Datasheet HTML 55Page - ATMEL Corporation T83C5121 Datasheet HTML 56Page - ATMEL Corporation T83C5121 Datasheet HTML 57Page - ATMEL Corporation T83C5121 Datasheet HTML 58Page - ATMEL Corporation T83C5121 Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 110 page
background image
55
T8xC5121
4164E–SCR–02/04
LED Ports
Configuration
The current source of the LED Ports can be adjusted to 3 different values: 2, 4 or 10 mA.
The LED output is an alternate function of P3.6 an P3.7 and cannot be used while the
alternate card function is used.
The control register LEDCON is detailed below.
Registers Definition
Table 40. LEDCON Register
Reset Value = XXXX 0000b
76
54
32
1
0
--
--
LED1[1]
LED1[0]
LED0[1]
LED0[0]
Bit
Number
Bit
Mnemonic
Description
7 - 4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3 - 2
LED1[1,0]
Port LED1 configuration:
LED1[1] LED1[0]
Configuration
0
0
Standard C51 port
0
1
2 mA current source when P3.7 is at Low Level
1
0
4 mA current source when P3.7 is at Low Level
1
1
10 mA current source when P3.7 is at Low Level
1 - 0
LED0[1,0]
Port LED0 configuration:
LED0[1] LED0[0]
Configuration
0
0
standard C51 port
0
1
2 mA current source when P3.6 is at Low Level
1
0
4 mA current source when P3.6 is at Low Level
1
1
10 mA current source when P3.6 is at Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com