Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121 Datasheet(PDF) 68 Page - ATMEL Corporation

Part # T83C5121
Description  8-bit Microcontroller with Multi protocol SMART Card Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121 Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button T83C5121 Datasheet HTML 64Page - ATMEL Corporation T83C5121 Datasheet HTML 65Page - ATMEL Corporation T83C5121 Datasheet HTML 66Page - ATMEL Corporation T83C5121 Datasheet HTML 67Page - ATMEL Corporation T83C5121 Datasheet HTML 68Page - ATMEL Corporation T83C5121 Datasheet HTML 69Page - ATMEL Corporation T83C5121 Datasheet HTML 70Page - ATMEL Corporation T83C5121 Datasheet HTML 71Page - ATMEL Corporation T83C5121 Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 110 page
background image
68
T8xC5121
4164E–SCR–02/04
•
Record Type:
–
Record Type specifies the command type. This field is used to interpret the
remaining information within the frame. The encoding for all the current
record types are described in Table 51.
•
Data/Info:
–
Data/Info is a 64 bytes length field. It consists of 64 bytes encoded as pairs
of hexadecimal digits. The meaning of data depends on the Record Type.
•
Checksum:
–
The two’s complement of the 8-bit bytes that result from converting each pair
of ASCII hexadecimal digits to one byte of binary, and including the Reclen
field to and including the last byte of the Data/Info field. Therefore, the sum
of all the ASCII pairs in a record after converting to binary, from the Reclen
field to and including the Checksum field, is zero.
Notes:
1. A data byte is represented by two ASCII characters.
2. When the field Load Offset is not used, it should be coded as 2 bytes (00h 00h).
Command Description
Table 51. Frame Description
Command
Command Name
data[0]
data[1]
Command Effect
00h
Program Data
Program 64 Data Bytes
01h
End Of File
-
-
End of File
03h
Write Function
07h
05h
05h
03h
00h
01h
01h
Full Chip Erase
Program SSB level1
Program SSB level2
LJMP(data[2],data[3])
(LJMP0000h)
04h
Display Function
Data[0:1] = start address
Data [2:3] = end address
Data[4] = 00h -> Display
data
Data[4] = 01h -> Blank
check
Data[4] = 03h -> Display
CRAM
Display Data
05h
Read Function
07h
0Fh
00h
00h
Read SSB
Read Bootloader Version
06h
Direct Load of Baud Rate
HSB
LSB
Not implemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com