| Electronic Components Datasheet Search |
|
ADE9078ACPZ-RL Datasheet(PDF) 54 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE9078ACPZ-RL Datasheet(HTML) 54 Page - Analog Devices |
|
54 / 108 page ![]() Data Sheet ADE9078 Rev. 0 | Page 53 of 107 Figure 78 shows a phase sequence error for a 4-wire wye or 4- wire delta due to a wiring or installation error. ZXA ZXB PHASE SEQUENCE ERROR (SEQERR = 1) SEQERR A,B,C PHASE VOLTAGES AFTER LPF1 ZXC Figure 78. 4-Wire Wye and 4-Wire Delta Phase Sequence Error (Wiring Error) Figure 79 shows that in an installation with the normal phase sequence, a phase sequence error is generated if a phase voltage drops below the ZXTHRSH value. ZXC ZXB A,B,C PHASE VOLTAGES AFTER LPF1 PHASE SEQUENCE ERROR ZXC ZXB ZXC ZXB SEQERR ZXA Figure 79. 4-Wire Wye, 4-Wire Delta Phase Sequence Error from a Phase Voltage Dropping Below ZXTHRSH with SEQ_CYC = 1 3-Wire Delta For a 3-wire delta system, VCONSEL = 001 or 100 as described in the Applications Information section. In a 3-wire delta system, the ZXVC and ZXVA positive to negative (ZXx_POS) and negative to positive (ZXx_NEG) transitions are monitored to detect a phase sequence error. Figure 80 shows the normal phase sequence for a 3-wire delta with VCONSEL = 001. ZXA_POS ZXC_NEG PHASE A = VAB PHASE C = VCB VA,VC AFTER LPF1 ZXC_POS NORMAL PHASE SEQUENCE SEQERR = 0 ZXA_NEG Figure 80. 3-Wire Delta Normal Phase Sequence Write SEQ_CYC to indicate how many consecutive incorrect transitions must be observed before raising the SEQ_ERR interrupt. It is recommended to set SEQ_CYC to 1. Figure 81 shows an installation error for 3-wire delta that results in a detected phase sequence error. SEQERR SEQERR SET TO 1 ZXC_POS ZXA_NEG PHASE C = VCB PHASE A = VAB VA, VC AFTER LPF1 ZXA_POS ZXC_NEG Figure 81. 3-Wire Delta Phase Sequence Error (Wiring Error) Figure 82 shows that in an installation with the normal phase sequence, a phase sequence error is generated if one of the phase voltages drops below the ZXTHRSH value. ZXC_NEG ZXA_POS PHASE C PHASE A VA, VB, VC AFTER LPF1 ZXA_NEG SEQERR ZXA_NEG ZXA_POS ZXA_POS ZXA_NEG IRQ1 SEQERR SET TO 1 WRITE SEQERR = 1 TO ACKNOWLEDGE THIS EVENT AND CLEAR SEQERR ZXC_POS Figure 82. 3-Wire Delta Phase Sequence Error from a Phase Voltage Dropping Below ZXTHRSH with SEQ_CYC = 1 Peak Detection The ADE9078 records the peak value measured on the current and voltage channels, from the xI_PCF and xV_PCF waveforms. The PEAKSEL bits in the CONFIG3 register allow the user to select which phases to monitor. Set PEAKSEL, Bit 2 to monitor Phase C; PEAKSEL, Bit 1 for Phase B; and PEAKSEL, Bit 0 for Phase A. Set PEAKSEL = 111b to monitor all three phases. The IPEAK register stores the peak current value in IPEAKVAL, Bits[23:0] and indicates which phase currents reached the value in the IPPHASE bits. IPEAKVAL is equal to xI_PCF/25. IPPHASE, Bit 2 indicates that Phase C had the peak value; IPPHASE, Bit 1 indicates Phase B; and IPPHASE, Bit 0 indicates Phase A. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |