Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE9078ACPZ-RL Datasheet(PDF) 95 Page - Analog Devices

Part # ADE9078ACPZ-RL
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ-RL Datasheet(HTML) 95 Page - Analog Devices

Back Button ADE9078ACPZ-RL Datasheet HTML 91Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 92Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 93Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 94Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 95Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 96Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 97Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 98Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 94 of 107
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
21
PF_RDY
Set this bit to enable an interrupt when the power
factor measurements have been updated, every
1.024 sec.
0x0
R/W
[20:19] RESERVED
Reserved.
0x0
R
18
PWRRDY
Set this bit to enable an interrupt when the power
values in the xWATT_ACC, xVA_ACC, xVAR_ACC,
xFVAR_ACC registers have been updated, after
PWR_TIME 4 kSPS samples.
0x0
R/W
17
PAGE_FULL
Set this bit to enable an interrupt when a page
enabled in the WFB_PG_IRQEN register has been
filled.
0x0
R/W
16
WFB_TRIG_IRQ
Set this bit to enable an interrupt when This bit is
set when the waveform buffer has stopped filling
after an event configured in WFB_TRIG_CFG
occurs.
0x0
R/W
15
DREADY
Set this bit to enable an interrupt when new
waveform samples are ready. The update rate
depends on the data selected in the WF_SRC bits
in the WFB_CFG register.
0x0
R/W
14
CF4
Set this bit to enable an interrupt when the CF4
pulse is issued, when the CF4 pin goes from a high
to low state.
0x0
R/W
13
CF3
Set this bit to enable an interrupt when the CF3
pulse is issued, when the CF3 pin goes from a high
to low state.
0x0
R/W
12
CF2
Set this bit to enable an interrupt when the CF2
pulse is issued, when the CF2 pin goes from a high
to low state.
0x0
R/W
11
CF1
Set this bit to enable an interrupt when the CF1
pulse is issued, when the CF1 pin goes from a high
to low state.
0x0
R/W
10
REVPSUM4
Set this bit to enable an interrupt when the CF4
polarity changed sign.
0x0
R/W
9
REVPSUM3
Set this bit to enable an interrupt when the CF3
polarity changed sign.
0x0
R/W
8
REVPSUM2
Set this bit to enable an interrupt when the CF2
polarity changed sign.
0x0
R/W
7
REVPSUM1
Set this bit to enable an interrupt when the CF1
polarity changed sign.
0x0
R/W
6
REVRPC
Set this bit to enable an interrupt when the Phase
C total or fundamental reactive power has
changed sign.
0x0
R/W
5
REVRPB
Set this bit to enable an interrupt when the Phase
C total or fundamental reactive power has
changed sign.
0x0
R/W
4
REVRPA
Set this bit to enable an interrupt when the Phase A
total or fundamental reactive power has changed
sign.
0x0
R/W
3
REVAPC
Set this bit to enable an interrupt when the Phase C
total active power has changed sign.
0x0
R/W
2
REVAPB
Set this bit to enable an interrupt when the Phase B
total active power has changed sign.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com