Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE9078ACPZ-RL Datasheet(PDF) 56 Page - Analog Devices

Part # ADE9078ACPZ-RL
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ-RL Datasheet(HTML) 56 Page - Analog Devices

Back Button ADE9078ACPZ-RL Datasheet HTML 52Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 53Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 54Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 55Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 56Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 57Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 58Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 59Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 55 of 107
KEY FEATURES
FLEXIBLE WAVEFORM BUFFER WITH
RESAMPLING
An integrated flexible waveform buffer stores samples at a fixed
data rate or a sampling rate that varies based on the line frequency
to ensure 64 points per line cycle. These two options make it
easy to implement harmonic analysis in an external processor
according to IEC 61000-4-7. There is a choice of data rate for
the fixed data rate samples: 4 kSPS or 16 kSPS (see the
Waveform Buffer section for more details).
MULTIPOINT PHASE/GAIN CALIBRATION
To provide more accurate measurements when using current
transformers, the ADE9078 provides a multipoint gain and
phase calibration option. If selected, the user can enter unique
gain and phase calibrations for up to five regions of CT
operation. Use the current rms (IRMS) value to select the
current region of operation and to determine which gain and
phase calibration to apply (see the Multipoint Gain and Phase
Calibration section for more details).
RMS OF SUM OF INSTANTANEOUS CURRENTS
MEASUREMENT
The ADE9078 offers an rms measurement of the sum of instanta-
neous currents. Use this measurement to estimate the neutral
current rms if a neutral current sensor is not available. If a neutral
current sensor is used, the rms of the sum of instantaneous
currents can include IA + IB + IC ± IN. Ideally, IA + IB + IC ±
IN = 0. The rms of the sum of instantaneous currents is compared
to a user configured threshold. If it is greater than the threshold,
a mismatch interrupt is generated. This mismatch indication
can help detect earth currents or tamper, which is a safety
hazard (see the Neutral Current RMS, RMS of Sum of
Instantaneous Currents section for more details).
TAMPER MODES
Two power modes are provided to enable detection of meter
tampering: PSM2 uses a low power comparator to compare
current channels to a threshold and indicates whether it is
exceeded on the IRQ0 and IRQ1 outputs; and PSM1 enables
fast measurement of current and voltage rms, active power, and
VAR during a tamper. The PM0 and PM1 pins control which
power supply mode is selected: PSM0 (normal mode), PSM1
(tamper measurement mode), PSM2 (tamper detection mode),
or PSM3 (idle). The user application manages the PM0 and
PM1 pins to put the ADE9078 in PSM1 or PSM2 modes for the
required time to perform the measurement or detection. Then,
the user application changes PM0 and PM1 to put the ADE9078
in PSM3, idle mode, until the cycle must begin again—usually
once per minute (see the Power Modes section for more details).
POWER FACTOR
The power factor (PF) is calculated for each phase and is updated at
the user configured power update rate, which can be up to 1 sec.
PF is the total active power divided by the total apparent power. To
determine the quadrant, use the sign in the reactive power register
(see the Power Factor section for more details).
ZERO-CROSSING TIMEOUT DETECTION
Zero-crossing timeout detection is provided on each phase
voltage to indicate if the phase voltage has been low for a user
configured time period. An interrupt is generated if this event
occurs (see the Zero-Crossing Timeout section for more details).
LINE PERIOD MEASUREMENT
The ADE9078 offers a highly accurate line period measurement
that provides 0.001 Hz resolution. It is possible to measure the
line period on all three phases as well as a combined signal that
reflects the line period, regardless of if there is one or many
phases present (see the Line Period Calculation section for
more details).
ANGLE MEASUREMENT
Voltage to voltage, voltage to current, and current to current
angles are measured simultaneously with 0.036° resolution at
50 Hz. These measurements allow fundamental power factor
calculations and checks of the balance of the system (see the Angle
Measurement section for more details).
PHASE SEQUENCE ERROR DETECTION
Voltage channel zero crossings are monitored to indicate if a
phase sequence error occurs in both 3-phase, 4-wire (wye), and
3-wire (delta) connections (see the Phase Sequence Error Detection
section for more details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com