Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE9078ACPZ-RL Datasheet(PDF) 62 Page - Analog Devices

Part # ADE9078ACPZ-RL
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ-RL Datasheet(HTML) 62 Page - Analog Devices

Back Button ADE9078ACPZ-RL Datasheet HTML 58Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 59Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 60Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 61Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 62Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 63Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 64Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 65Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 61 of 107
VAP
VBP
VCP
VAN
AGND
DGND
NEUTRAL
VBN
VCN
VBN
VB
220V
–150°
–150°
0.353V
220V
120°
120°
0.353V
PHASE C
VCN
VC
PHASE A
PHASE B
VAN
VA
220V
30°
220V
–150°
220V
120°
PHASE A
PHASE B
220V
30°
0.353V
30°
VCONSEL = 011
VA, VB, VC
Figure 95. Non-Blondel Compliant 4-Wire Delta
The phasor diagram is shown in Figure 85. Phase sequence
error detection is performed based on the expected ABC
sequence (see the Phase Sequence Error Detection section for
more information).
To calculate the total power (active, reactive and apparent), add
the contribution from Phase A, Phase B, and Phase C.
SERVICE TYPE SUMMARY
To summarize, the ADE9078 can be used in many different
configurations to measure 4-wire wye, 4-wire delta, and 3-wire
delta installations. Table 24 summarizes which VCONSEL and
ICONSEL settings to use for each configuration.
Table 24. Service Type and VCONSEL and ICONSEL Setting Summary
Service Type
Ground
Reference
Figure Reference
No. of Voltage
Sensors
Required
VCONSEL Setting
No. of Current
Sensors Required
ICONSEL
Setting
4-Wire Wye
Neutral
Figure 89
3
000
3
0
Isolated
Figure 90
3
000
3
0
3-Wire Delta
Phase B
Figure 91; Figure 89 with
Phase B tied to neutral
2
001 (VB = VA − VC)
2
0: IB has current
sensor
1: IB = −IA − IC
Isolated
Figure 90 with Phase B
tied to neutral
2
001 (VB = VA − VC)
2
0: IB has current
sensor
1: IB = −IA − IC
Isolated
Figure 93
2
100 (VA = VA − VB;
VB = VA − VC; VC =
VC − VB)
2
0: IB has current
sensor
1: IB = −IA − IC
4-Wire Delta
Neutral
Figure 89 (note that the VA
and VB phasor diagram
follows Figure 85)
3
000
3
0
4-Wire Wye,
Non-Blondel
Compliant
Neutral
Figure 94
2
010 (VB = VA
− VC)
3
0
4-Wire Delta, Non-
Blondel
Compliant
Neutral
Figure 95
2
011 (VB = −VA)
2
0: IB has current
sensor
1: IB = −IA − IC
3-Wire Single-Phase
Neutral
Not applicable
1 or 2
000
1 to 2
0
3-Wire Network
Neutral
Not applicable
2
000
2
0
Multiple Single-
Phase Circuits
Neutral
Not applicable
3
000
3
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com