Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE9078ACPZ-RL Datasheet(PDF) 93 Page - Analog Devices

Part # ADE9078ACPZ-RL
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ-RL Datasheet(HTML) 93 Page - Analog Devices

Back Button ADE9078ACPZ-RL Datasheet HTML 89Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 90Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 91Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 92Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 93Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 94Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 95Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 96Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 92 of 107
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
18
SEQERR
This bit is set to indicate a phase sequence error
on the Phase Voltage zero crossings.
0x0
R/W1
17
RESERVED
Reserved.
0x0
R
16
RSTDONE
This bit is set to indicate that the IC has finished its
power-up sequence after a reset or after changing
between PSM2 or PSM3 operating mode to PSM0
or PSM1. This indicates that the user can configure
the IC via the SPI port.
0x0
R/W1
15
ZXIC
When this bit is set to 1, it indicates a zero crossing
has been detected on Phase C current.
0x0
R/W1
14
ZXIB
When this bit is set to 1, it indicates a zero crossing
has been detected on Phase B current.
0x0
R/W1
13
ZXIA
When this bit is set to 1, it indicates a zero crossing
has been detected on Phase A current.
0x0
R/W1
12
ZXCOMB
When this bit is set, it indicates a zero crossing has
been detected on the combined signal from VA,
VB, and VC.
0x0
R/W1
11
ZXVC
When this bit is set, it indicates a zero crossing has
been detected on the Phase C voltage channel.
0x0
R/W1
10
ZXVB
When this bit is set, it indicates a zero crossing has
been detected on the Phase B voltage channel.
0x0
R/W1
9
ZXVA
When this bit is set, it indicates a zero crossing has
been detected on the Phase A voltage channel.
0x0
R/W1
8
ZXTOVC
This bit is set to indicate a zero crossing timeout
on Phase C. This means that a zero crossing on the
Phase C voltage is missing.
0x0
R/W1
7
ZXTOVB
This bit is set to indicate a zero crossing timeout
on Phase B. This means that a zero crossing on the
Phase B voltage is missing.
0x0
R/W1
6
ZXTOVA
This bit is set to indicate a zero crossing timeout
on Phase A. This means that a zero crossing on the
Phase A voltage is missing.
0x0
R/W1
5
RESERVED
Reserved.
0x0
R
4
RFNOLOAD
This bit is set when one or more phase fundamental
reactive energy enters or exits the no load
condition. The phase is indicated in the
PHNOLOAD register.
0x0
R/W1
3
RESERVED
Reserved.
0x0
R
2
VANLOAD
This bit is set when one or more phase total
apparent energy enters or exits the no load
condition. The phase is indicated in the
PHNOLOAD register.
0x0
R/W1
1
RNLOAD
This bit is set when one or more phase total
reactive energy enters or exits the no load
condition. The phase is indicated in the
PHNOLOAD register.
0x0
R/W1
0
ANLOAD
This bit is set when one or more phase total active
energy enters or exits the no load condition. The
phase is indicated in the PHNOLOAD register.
0x0
R/W1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com