Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2987IMM-3.3 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2987IMM-3.3
Description  Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2987IMM-3.3 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP2987IMM-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Ordering Information (LP2987) (Continued)
TABLE 1. Package Marking and Ordering Information (Continued)
Output Voltage
Grade
Order Information
Package Marking
Supplied as:
3.0
A
LP2987AIMM-3.0
L42A
1000 Units on Tape and
Reel
3.0
STD
LP2987IMMX-3.0
L42B
3500 Units on Tape and
Reel
3.0
STD
LP2987IMM-3.0
L42B
1000 Units on Tape and
Reel
2.8
A
LP2987AIMMX-2.8
L89A
3500 Units on Tape and
Reel
2.8
A
LP2987AIMM-2.8
L89A
1000 Units on Tape and
Reel
2.8
STD
LP2987IMMX-2.8
L89B
3500 Units on Tape and
Reel
2.8
STD
LP2987IMM-2.8
L89B
1000 Units on Tape and
Reel
5
A
LP2987AIMX-5.0
2987AIM5.0
2500 Units on Tape and
Reel
5
A
LP2987AIM-5.0
2987AIM5.0
Shipped in Anti-Static
Rails
5
STD
LP2987IMX-5.0
2987IM5.0
2500 Units on Tape and
Reel
5
STD
LP2987IM-5.0
2987IM5.0
Shipped in Anti-Static
Rails
3.8
A
LP2987AIMX-3.8
2987AIM3.8
2500 Units on Tape and
Reel
3.8
A
LP2987AIM-3.8
2987AIM3.8
Shipped in Anti-Static
Rails
3.8
STD
LP2987IMX-3.8
2987IM3.8
2500 Units on Tape and
Reel
3.8
STD
LP2987IM-3.8
2987IM3.8
Shipped in Anti-Static
Rails
3.3
A
LP2987AIMX-3.3
2987AIM3.3
2500 Units on Tape and
Reel
3.3
A
LP2987AIM-3.3
2987AIM3.3
Shipped in Anti-Static
Rails
3.3
STD
LP2987IMX-3.3
2987IM3.3
2500 Units on Tape and
Reel
3.3
STD
LP2987IM-3.3
2987IM3.3
Shipped in Anti-Static
Rails
3.2
A
LP2987AIMX-3.2
2987AIM3.2
2500 Units on Tape and
Reel
3.2
A
LP2987AIM-3.2
2987AIM3.2
Shipped in Anti-Static
Rails
3.2
STD
LP2987IMX-3.2
2987IM3.2
2500 Units on Tape and
Reel
3.2
STD
LP2987AIM-3.2
2987IM3.2
Shipped in Anti-Static
Rails
3.0
A
LP2987IMX-3.0
2987AIM3.0
2500 Units on Tape and
Reel
3.0
A
LP2987AIM-3.0
2987AIM3.0
Shipped in Anti-Static
Rails
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com