Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2987IMM-3.3 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2987IMM-3.3
Description  Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2987IMM-3.3 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LP2987IMM-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 12Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 13Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 14Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 15Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 16Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 17Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 18Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = 25˚C, COUT = 4.7 µF,
CIN = 2.2 µF, S/D is tied to VIN,VIN =VO(NOM) + 1V, IL = 1 mA. (Continued)
Delay Sink Current
vs Temperature
Delay Sink Current vs Temperature
10001747
10001746
Output Impedance vs Frequency
Output Impedance vs Frequency
10001740
10001741
Ripple Rejection (LP2987)
Ripple Rejection (LP2988)
10001742
10001751
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com