Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2987IMM-3.3 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2987IMM-3.3
Description  Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2987IMM-3.3 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP2987IMM-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Connection Diagram (LP2987)
Surface Mount Packages:
8-Lead LLP Surface Mount Package
10001703
Top View
SO-8/Mini SO-8 Package
See NS Package Drawing Number M08A/MUA08A
For ordering information, refer to
Table 1in this
document.
10001757
Top View
See NS Package Drawing Number LDC08A
Ordering Information (LP2987)
TABLE 1. Package Marking and Ordering Information
Output Voltage
Grade
Order Information
Package Marking
Supplied as:
5
A
LP2987AIMMX-5.0
L44A
3500 Units on Tape and
Reel
5
A
LP2987AIMM-5.0
L44A
1000 Units on Tape and
Reel
5
STD
LP2987IMMX-5.0
L44B
3500 Units on Tape and
Reel
5
STD
LP2987IMM-5.0
L44B
1000 Units on Tape and
Reel
3.8
A
LP2987AIMMX-3.8
L96A
3500 Units on Tape and
Reel
3.8
A
LP2987AIMM-3.8
L96A
1000 Units on Tape and
Reel
3.8
STD
LP2987IMMX-3.8
L96B
3500 Units on Tape and
Reel
3.8
STD
LP2987IMM-3.8
L96B
1000 Units on Tape and
Reel
3.3
A
LP2987AIMMX-3.3
L43A
3500 Units on Tape and
Reel
3.3
A
LP2987AIMM-3.3
L43A
1000 Units on Tape and
Reel
3.3
STD
LP2987IMMX-3.3
L43B
3500 Units on Tape and
Reel
3.3
STD
LP2987IMM-3.3
L43B
1000 Units on Tape and
Reel
3.2
A
LP2987AIMMX-3.2
L66A
3500 Units on Tape and
Reel
3.2
A
LP2987AIMM-3.2
L66A
1000 Units on Tape and
Reel
3.2
STD
LP2987IMMX-3.2
L66B
3500 Units on Tape and
Reel
3.2
STD
LP2987IMM-3.2
L66B
1000 Units on Tape and
Reel
3.0
A
LP2987AIMMX-3.0
L42A
3500 Units on Tape and
Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com