Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2987IMM-3.3 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2987IMM-3.3
Description  Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2987IMM-3.3 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP2987IMM-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Connection Diagram (LP2988)
Surface Mount Packages:
8-Lead LLP Surface Mount Package
10001703
Top View
SO-8/Mini SO-8 Package
See NS Package Drawing Number M08A/MUA08A
For ordering information, refer to
Table 1in this
document.
10001758
Top View
See NS Package Drawing Number LDC08A
Ordering Information (LP2988)
TABLE 2. Package Marking and Ordering Information
Output Voltage
Grade
Order Information
Package Marking
Supplied as:
5.7
A
LP2988AIMMX-5.7
LF2A
3500 Units on Tape and
Reel
5.7
A
LP2988AIMM-5.7
LF2A
1000 Units on Tape and
Reel
5.7
STD
LP2988IMMX-5.7
LF2B
3500 Units on Tape and
Reel
5.7
STD
LP2988IMM-5.7
LF2B
1000 Units on Tape and
Reel
5.0
A
LP2988AIMMX-5.0
L51A
3500 Units on Tape and
Reel
5.0
A
LP2988AIMM-5.0
L51A
1000 Units on Tape and
Reel
5.0
STD
LP2988IMMX-5.0
L51B
3500 Units on Tape and
Reel
5.0
STD
LP2988IMM-5.0
L51B
1000 Units on Tape and
Reel
3.8
A
LP2988AIMMX-3.8
L0AA
3500 Units on Tape and
Reel
3.8
A
LP2988AIMM-3.8
L0AA
1000 Units on Tape and
Reel
3.8
STD
LP2988IMMX-3.8
L0AB
3500 Units on Tape and
Reel
3.8
STD
LP2988IMM-3.8
L0AB
1000 Units on Tape and
Reel
3.3
A
LP2988AIMMX-3.3
L50A
3500 Units on Tape and
Reel
3.3
A
LP2988AIMM-3.3
L50A
1000 Units on Tape and
Reel
3.3
STD
LP2988IMMX-3.3
L50B
3500 Units on Tape and
Reel
3.3
STD
LP2988IMM-3.3
L50B
1000 Units on Tape and
Reel
3.2
A
LP2988AIMMX-3.2
L67A
3500 Units on Tape and
Reel
3.2
A
LP2988AIMM-3.2
L67A
1000 Units on Tape and
Reel
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com