Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2987IMM-3.3 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2987IMM-3.3
Description  Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2987IMM-3.3 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP2987IMM-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 12Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 13Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 14Page - National Semiconductor (TI) LP2987IMM-3.3 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = 25˚C, COUT = 4.7 µF,
C
IN = 2.2 µF, S/D is tied to VIN,VIN =VO(NOM) + 1V, IL = 1 mA.
V
OUT vs Temperature
Dropout Voltage vs Temperature
10001717
10001718
Dropout Voltage vs Load Current
Dropout Characteristics
10001719
10001720
Ground Pin Current vs
Temperature and Load
Ground Pin Current vs
Load Current
10001721
10001722
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com