Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2HH12 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 7Page - STMicroelectronics LIS2HH12 Datasheet HTML 8Page - STMicroelectronics LIS2HH12 Datasheet HTML 9Page - STMicroelectronics LIS2HH12 Datasheet HTML 10Page - STMicroelectronics LIS2HH12 Datasheet HTML 11Page - STMicroelectronics LIS2HH12 Datasheet HTML 12Page - STMicroelectronics LIS2HH12 Datasheet HTML 13Page - STMicroelectronics LIS2HH12 Datasheet HTML 14Page - STMicroelectronics LIS2HH12 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
DocID025344 Rev 5
11/47
LIS2HH12
Mechanical and electrical specifications
47
2.2
Electrical characteristics
2.3
Temperature sensor characteristics
@ Vdd =2.5 V, T=25 °C unless otherwise noted
Table 4. Electrical characteristics @ Vdd = 2.5 V, T = 25 °C unless otherwise noted (1)
Symbol
Parameter
Test conditions
Min.
Typ.(2)
Max.
Unit
Vdd
Supply voltage
1.71
2.5
3.6
V
Vdd_IO
I/O pins supply voltage(3)
1.71
Vdd+0.1
V
IddA
Current consumption
in active mode
ODR 100-800 Hz
180
μA
ODR 50 Hz
110
μA
ODR 10 Hz
50
μA
IddPdn
Current consumption in
power-down mode
5
μA
VIH
Digital high-level input voltage
0.8*Vdd_IO
V
VIL
Digital low-level input voltage
0.2*Vdd_IO
V
Tboot
Boot time(4)
20
ms
Top
Operating temperature range
-40
+85
°C
1. The product is factory calibrated at 2.5 V. The operational power supply range is from 1.71 V to 3.6 V.
2. Typical specifications are not guaranteed.
3. It is possible to remove Vdd maintaining Vdd_IO without blocking the communication busses, in this condition the
measurement chain is powered off.
4. Time to complete the entire boot sequence: from Vdd on until all configuration and calibration parameters are correctly
loaded into device registers.
Table 5. Temperature sensor characteristics
Symbol
Parameter
Min.
Typ.(1)
Max.
Unit
TSDr
Temperature sensor output change
vs. temperature
8
digit/°C(2)
TODR
Temperature refresh rate
10
Hz
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. 11-bit resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com