Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2HH12 Datasheet(PDF) 42 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 38Page - STMicroelectronics LIS2HH12 Datasheet HTML 39Page - STMicroelectronics LIS2HH12 Datasheet HTML 40Page - STMicroelectronics LIS2HH12 Datasheet HTML 41Page - STMicroelectronics LIS2HH12 Datasheet HTML 42Page - STMicroelectronics LIS2HH12 Datasheet HTML 43Page - STMicroelectronics LIS2HH12 Datasheet HTML 44Page - STMicroelectronics LIS2HH12 Datasheet HTML 45Page - STMicroelectronics LIS2HH12 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
Register description
LIS2HH12
42/47
DocID025344 Rev 5
8.26
XL_REFERENCE (3Ah), XH_REFERENCE (3Bh)
In normal mode (HPM [1:0] = ‘00’ or ‘10’) when one of these registers (XL_REFERENCE or
XH_REFERENCE) is read, the x output of the hp filter is set to ‘0’.
In reference mode (HPM [1:0] =”01”) the reference value is subtracted from the X output of
the hp filter.
8.27
YL_REFERENCE (3Ch), YH_REFERENCE (3Dh)
See previous section concerning the X Reference (r/w) registers.
8.28
ZL_REFERENCE (3Eh), ZH_REFERENCE (3Fh)
See previous section concerning the X Reference (r/w) registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com