Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2HH12 Datasheet(PDF) 38 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 34Page - STMicroelectronics LIS2HH12 Datasheet HTML 35Page - STMicroelectronics LIS2HH12 Datasheet HTML 36Page - STMicroelectronics LIS2HH12 Datasheet HTML 37Page - STMicroelectronics LIS2HH12 Datasheet HTML 38Page - STMicroelectronics LIS2HH12 Datasheet HTML 39Page - STMicroelectronics LIS2HH12 Datasheet HTML 40Page - STMicroelectronics LIS2HH12 Datasheet HTML 41Page - STMicroelectronics LIS2HH12 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
Register description
LIS2HH12
38/47
DocID025344 Rev 5
8.16
FIFO_CTRL (2Eh)
FIFO control register (r/w)
Table 41. FIFO control register
The FIFO trigger is the IG_SRC1 (31h) event. (Refer to IG_SRC1 (31h)).
8.17
FIFO_SRC (2Fh)
FIFO status control register (r)
Table 44. FIFO status register
Table 45. FIFO status register description
FMODE2
FMODE1
FMODE0
FTH4
FTH3
FTH2
FTH1
FTH0
Table 42. FIFO control register description
FMODE [2:0]
FIFO mode selection bits. Default: 000. For further details refer to table below
FTH [4:0]
FIFO threshold. Default: 00000. It is the FIFO depth if the STOP_FTH bit in the
CTRL3 (22h) register is set to ‘1’.
Table 43. FIFO mode selection
FMODE2
FMODE1
FMODE0
Mode
0
0
0
Bypass mode. FIFO turned off
0
0
1
FIFO mode. Stops collecting data when FIFO is full.
0
1
0
Stream mode. If the FIFO is full, the new sample overwrites
the older one
0
1
1
Stream mode until trigger is deasserted, then FIFO mode
1
0
0
Bypass mode until trigger is deasserted, then Stream mode
1
0
1
Not used
1
1
0
Not used
1
1
1
Bypass mode until trigger is deasserted, then FIFO mode
FTH
OVR
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
FTH
FIFO threshold status.
0: FIFO filling is lower than FTH level; 1: FIFO filling is equal to or higher than
threshold level
OVR
Overrun bit status. 0: FIFO is not completely filled; 1: FIFO is completely filled
EMPTY
FIFO empty bit.
0: FIFO not empty; 1: FIFO empty)
FSS [4:0]
FIFO stored data level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com