| Electronic Components Datasheet Search |
|
TMS320VC5421 Datasheet(PDF) 40 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5421 Datasheet(HTML) 40 Page - Texas Instruments |
|
40 / 104 page ![]() Functional Overview 40 December 1999 − Revised October 2008 SPRS098D 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved RMCME RPBBLK RPABLK RCBLK RMCM R,+0 RW,+0 RW,+0 RW,+0 R,+0 RW,+0 Note: R = Read, W = Write, +0 = Value at reset; x = McBSP 0,1, or 2 Figure 3−10. Multichannel Control Register 1x (MCR1x) • In the second mode, with RMCME = 1 and XMCME = 1, the McBSPs have 128 channel selection capability. Twelve new registers (RCERCx−RCERHx and XCERCx−XCERHx) are used to enable the 128 channel selection. The subaddresses of the new registers are shown in Table 3−21. These new registers, functionally equivalent to the RCERA0−RCERB1 and XCERA0−XCERB1 registers in the 5420, are used to enable/disable the transmit and receive of additional channel partitions (C,D,E,F,G, and H) in the 128 channel stream. For example, XCERH1 is the transmit enable for channel partition H (channels 112 to 127) of MCBSP1 for each DSP subsystem. See Figure 3−11, Table 3−8, Figure 3−12, and Table 3−9 for bit layout and function of the receive and transmit registers . 15 14 13 12 11 10 9 8 RCERyz15 RCERyz14 RCERyz13 RCERyz12 RCERyz11 RCERyz10 RCERyz9 RCERyz8 RW,+0 RW,+0 RW,+0 RW,+0 RW,+0 RW,+0 RW,+0 RW,+0 76 54 32 10 RCERyz7 RCERyz6 RCERyz5 RCERy4 RCERyz3 RCERyz2 RCERyz1 RCERyz0 RW,+0 RW,+0 RW,+0 RW,+0 RW,+0 RW,+0 RW,+0 RW,+0 Note: R = Read, W = Write, +0 = Value at reset; y = Partition A,B,C,D,E,F,G, or H; z = McBSP 0,1, or 2 Figure 3−11. Receive Channel Enable Registers Bit Layout for Partitions A to H Table 3−8. Receive Channel Enable Registers for Partitions A to H Bit Name Function 15−0 RCERyz(15:0) Receive Channel Enable Register RCERyz n =0 Disables reception of nth channel in partition y. RCERyz n =1 Enables reception of nth channel in partition y. Note: y = Partition A,B,C,D,E,F,G, or H; z = McBSP 0,1, or 2; n = bit 15−0 15 14 13 12 11 10 9 8 XCERyz15 XCERyz14 XCERyz13 XCERyz12 XCERyz11 XCERyz10 XCERyz9 XCERyz8 RW,+0 RW,+0 RW,+0 RW,+0 RW,+0 RW,+0 RW,+0 RW,+0 76 54 32 10 XCERyz7 XCERyz6 XCERyz5 XCERy4 XCERyz3 XCERyz2 XCERyz1 XCERyz0 RW,+0 RW,+0 RW,+0 RW,+0 RW,+0 RW,+0 RW,+0 RW,+0 Note: R = Read, W = Write, +0 = Value at reset; y = Partition A,B,C,D,E,F,G, or H; z = McBSP 0,1, or 2 Figure 3−12. Transmit Channel Enable Registers Bit Layout for Partitions A to H |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |