Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6718 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 48Page - STMicroelectronics L6718 Datasheet HTML 49Page - STMicroelectronics L6718 Datasheet HTML 50Page - STMicroelectronics L6718 Datasheet HTML 51Page - STMicroelectronics L6718 Datasheet HTML 52Page - STMicroelectronics L6718 Datasheet HTML 53Page - STMicroelectronics L6718 Datasheet HTML 54Page - STMicroelectronics L6718 Datasheet HTML 55Page - STMicroelectronics L6718 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 71 page
background image
Output voltage positioning
L6718
52/71
DocID023399 Rev 3
Time constant matching between the inductor (L/DCR) and the current reading filter (RC) is
required to implement a real equivalent output impedance of the system, therefore avoiding
over and/or undershoot of the output voltage as a consequence of a load transient. The
output voltage characteristic vs. load current is then given by:
Equation 3
where RLL is the resulting load-line resistance implemented by the multi-phase section.
The RFB resistor can then be designed according to the RLL specifications, as follows:
Equation 4
8.3
Single-phase section - current reading
The single-phase section performs the same differential current reading across DCR as the
multi-phase section. According to Section 8.1, the current that flows from the SCSN pin is
then given by the following equation (see Figure 11):
Equation 5
8.4
Single-phase section - defining load-line
This method introduces a dependence of the output voltage on the load current recovering
part of the drop due to the output capacitor ESR in the load transient. Introducing a
dependence of the output voltage on the load current, a static error, proportional to the
output current, causes the output voltage to vary according to the sensed current.
Figure 11 shows the current sense circuit used to implement the load-line. The current
flowing across the inductor DCR is read through RSG. This resistor programs a trans-
conductance gain and generates a current ISDROOP proportional to the current delivered by
the single-phase section that is then sourced from the SFB pin. RSFB gives the final gain to
program the desired load-line slope (Figure 10).
The output characteristic vs. load current is then given by:
Equation 6
where RSLL is the resulting load-line resistance implemented by the single-phase section.
V
OUT
VID
R
FB
I
DROOP
VID
R
FB
DCR
R
G
-------------
I
OUT
⋅⋅
VID
R
LL
I
OUT
==
=
R
FB
R
LL
R
G
DCR
-------------
=
I
SCSN
DCR
R
SG
-------------
I
SOUT
I
SDROOP
==
V
SOUT
VID
R
SFB
I
SDROOP
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com