Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6718 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 27Page - STMicroelectronics L6718 Datasheet HTML 28Page - STMicroelectronics L6718 Datasheet HTML 29Page - STMicroelectronics L6718 Datasheet HTML 30Page - STMicroelectronics L6718 Datasheet HTML 31Page - STMicroelectronics L6718 Datasheet HTML 32Page - STMicroelectronics L6718 Datasheet HTML 33Page - STMicroelectronics L6718 Datasheet HTML 34Page - STMicroelectronics L6718 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
DocID023399 Rev 3
31/71
L6718
Device configuration
Caution:
For the disabled phase(s), the current reading pins need to be properly connected to avoid
errors in current-sharing and voltage-positioning: CSxP must be connected to the regulated
output voltage while CSxN must be connected to CSxP through the same RG resistor used
for the active phases.
6.6
Pinstrapping configuration
Pinstrapping is used to select different configuration settings.
The pinstrapping must be connected through a divider to the VCC5 pin and to GND.
During startup, the device reads the voltage level on the pinstrapping pins and selects the
right configuration from 32 configurations (5 bitstrappings) for each pinstrapping.
Pinstrapping configuration depends also on:
•
Device status (CPU or DDR mode)
•
Number of phases configured
•
Status of other pinstrappings
Table 7. Phase number programming
Total solution
(multi+single)
Embedded
driver
assignment
(multi+single)
PWM4 /
PHSEL
PWM3 /
SPWM
SWAP(1)
1.
SWAP mode can be enabled/disabled through Config0 pinstrapping (seeSection 6.6.1 and Section 6.6.2).
Jmode(2)
2.
Jmode can be enabled/disabled through Config1 pinstrapping (see Section 6.6.3 and Section 6.6.4).
4 + 1
2 + 1
Driver
Driver
OFF
X(3)
3.
Jmode can be enabled/disabled.
4 + 1
3 + 0
ON
3 + 1
2 + 1
GND
OFF
3 + 1
3 + 0
ON
2 + 1
2 + 1
Floating
Floating
OFF
MRO(4) (multi-phase rail only)
4.
In MRO the single-phase is disabled.
4 + 0
3 + 0
Driver
Floating
ON
X
3 + 0
3 + 0
Floating/GND
ON
2 + 0
2 + 0
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com