Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6718 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 52Page - STMicroelectronics L6718 Datasheet HTML 53Page - STMicroelectronics L6718 Datasheet HTML 54Page - STMicroelectronics L6718 Datasheet HTML 55Page - STMicroelectronics L6718 Datasheet HTML 56Page - STMicroelectronics L6718 Datasheet HTML 57Page - STMicroelectronics L6718 Datasheet HTML 58Page - STMicroelectronics L6718 Datasheet HTML 59Page - STMicroelectronics L6718 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 71 page
background image
Output voltage monitoring and protection
L6718
56/71
DocID023399 Rev 3
possible undershoot. To reach this target, a special sequence is performed, as per the
following:
The device turns on all low-side MOSFETs (and keeps to GND the PWMx) of the
section where OV protection is triggered. At the same time the device performs a
fast DVID moving the internal reference to 250 mV.
The section which triggered the protection switches between all MOSFETs OFF
and all low-sides ON in order to follow the voltage imposed by the DVID_Fast on-
going. This limits the output voltage excursion, protects the load and assures no
undershoot is generated (if VOUT < 250 mV, the section is HiZ).
The non-involved section turns off all the MOSFETs in order to realize a HiZ
condition. Only if the non-involved section runs in Jmode does the rail keep
switching.
xOSC/ FLT pin of the OVP involved section is driven high.
If the cause of the failure is removed, the converter ends the transition with all PWMs in HiZ
state and the output voltage of the section which triggered the protection lower than 250 mV.
The enable or VCC cycle (VCC5 or VCC12) can restart the system but the enable cycle
does not discharge the SMBus embedded register, in this case, a VCC cycle is necessary to
restart the system with default value.
9.2
Overcurrent
The overcurrent threshold can be programmed to a safe value to avoid the system not
entering OC during normal operation of the device. This value must take into consideration
also the extra current needed during the DVID transition (IDVID) and the process spread and
temperature variations of the sensing elements (inductor DCR). Two OCP types (for
average and for phase) can be detected on each rail.
9.2.1
Multi-phase section
The L6718 performs two different OC protections for the multi-phase section: it monitors
both the total current and the per-phase current and allows the setting of an OC threshold
for both.
Phase OC. Maximum information current phase (IINFOx) is internally limited to 35
μA. This end-of-scale current (IOC_TH) is compared with the information current
generated for each phase (IINFOx). If the current information for the single-phase
exceeds the end-of-scale current (i.e. if IINFOx > IOC_TH), the device turns on the
LS MOSFET until the threshold is re-crossed (i.e. until IINFOx < IOC_TH). Skipping
cycle, latch condition occurs when UVP is reached.
Total current OC. The IMON pin allows a maximum total output current for the
system (IOC_TOT) to be defined. The total sum IMON of the current read on each
phase (IINFOx) is sourced from the IMON pin. By connecting a resistor RIMON to
SGND, a load indicator with VOC_TOT end-of-scale can be implemented. When the
voltage present at the IMON pin crosses VOC_TOT, the device detects an OC and
immediately latches with all the MOSFETs of all the sections OFF (HiZ). VOC_TOT
can be selected through SMbus dynamically or using CONFIG2 as pinstrapping. It
is possible to choose:
a)
OCP=125% of IMAX, so VOC_TOT =1.55 V
b)
OCP=137% of IMAX, so VOC_TOT =1.7 V (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com