Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM6686TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # PM6686TR
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PM6686TR Datasheet HTML 11Page - STMicroelectronics PM6686TR Datasheet HTML 12Page - STMicroelectronics PM6686TR Datasheet HTML 13Page - STMicroelectronics PM6686TR Datasheet HTML 14Page - STMicroelectronics PM6686TR Datasheet HTML 15Page - STMicroelectronics PM6686TR Datasheet HTML 16Page - STMicroelectronics PM6686TR Datasheet HTML 17Page - STMicroelectronics PM6686TR Datasheet HTML 18Page - STMicroelectronics PM6686TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
PM6686
Typical operating characteristics
Doc ID 15281 Rev 4
15/50
6
Typical operating characteristics
(TON = VCC (200 / 300 kHz), SKIP = GND (skip mode), LDOREFIN = SGND (LDO = 5 V),
LDO_SW = OUT1, PVCC connected to LDO, VIN = 12 V, EN1-EN2-EN_LDO are high, no
load unless specified). Measures performed on the demonstration kit (PM6686_SYSTEM
and PM6686_CHIPSET)
Efficiency traces: Green: VIN = 7 V, red: VIN = 12 V, blue: VIN = 19 V.
Figure 3.
Efficiency vs load
OUT1 = 5 V, TON = VCC
Figure 4.
Efficiency vs load
OUT2 = 3.3 V, TON = VCC
Figure 5.
Efficiency vs load
OUT1 = 1.5 V, TON = VCC
Figure 6.
Efficiency vs load
OUT2 = 1.05 V, TON = VCC
A-PWM
B-SKIP
A-NASKIP
A-PWM
B-SKIP
A-NASKIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com