Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM6686TR Datasheet(PDF) 37 Page - STMicroelectronics

Part # PM6686TR
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686TR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button PM6686TR Datasheet HTML 33Page - STMicroelectronics PM6686TR Datasheet HTML 34Page - STMicroelectronics PM6686TR Datasheet HTML 35Page - STMicroelectronics PM6686TR Datasheet HTML 36Page - STMicroelectronics PM6686TR Datasheet HTML 37Page - STMicroelectronics PM6686TR Datasheet HTML 38Page - STMicroelectronics PM6686TR Datasheet HTML 39Page - STMicroelectronics PM6686TR Datasheet HTML 40Page - STMicroelectronics PM6686TR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
PM6686
Monitoring and protections
Doc ID 15281 Rev 4
37/50
The minimum voltage of the charge pump is:
Equation 7
Where VCP_FB is the minimum voltage of CP_FB pin(2V typ.).
In case the charge pump feedback is not used, leave the CP_FB pin floating or connect the
pin to VCC.
9.6
Voltage references
The PM6686 provides two voltage references.
The device regulates a 3,3 V voltage reference (VREF3) with ±2% accuracy over
temperature. VREF3 can source up to 5 mA. VREF3 voltage is always available if VIN is
applied. The device allows the enabling of the outputs if VREF3 is above 2,8V typ. and turns
off when VREF3 falls under 2,7 V typ.
VREF2 is a + 2 V reference with an accuracy of ±1% over temperature. It can source up to
50 µA typ. and sink up to 10 µA. VREF2is adopted as internal reference; this voltage can be
used as voltage threshold to set configuration pins (e.g. TON, SKIP pins). VREF2 is enabled
when one enable pin (EN1, EN2 or EN_LDO) is pulled high.
9.7
General device fault management
9.7.1
Thermal protection
If the internal temperature of the device exceeds typically +150 °C, the controller shuts down
immediately all the internal circuitry. Switching sections performs the soft-end management.
Toggling EN, EN LDO or cycling VIN resets the latched fault.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⋅
=
2
1
FB
_
CP
MIN
_
CP
R
R
1
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com