Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM6686TR Datasheet(PDF) 38 Page - STMicroelectronics

Part # PM6686TR
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686TR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button PM6686TR Datasheet HTML 34Page - STMicroelectronics PM6686TR Datasheet HTML 35Page - STMicroelectronics PM6686TR Datasheet HTML 36Page - STMicroelectronics PM6686TR Datasheet HTML 37Page - STMicroelectronics PM6686TR Datasheet HTML 38Page - STMicroelectronics PM6686TR Datasheet HTML 39Page - STMicroelectronics PM6686TR Datasheet HTML 40Page - STMicroelectronics PM6686TR Datasheet HTML 41Page - STMicroelectronics PM6686TR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
Application information
PM6686
38/50
Doc ID 15281 Rev 4
10
Application information
10.1
External components selection
10.1.1
Inductor
Once that switching frequency is defined, inductor selection depends on the desired
inductor ripple current and load transient performance.
Low inductance means great ripple current and could generate great output noise. On the
other hand, low inductor values involve fast load transient response.
A good compromise between the transient response time, the efficiency, the cost and the
size is to choose the inductor value in order to maintain the inductor ripple current
ΔI
L
between 20% and 50% of the maximum output current ILOAD (max). The maximum
ΔI
L
occurs at the maximum input voltage. With these considerations, the inductor value can be
calculated with the following relationship:
Equation 8
Where fSW is the switching frequency, VIN is the input voltage, VOUT is the output voltage
and
ΔI
L is the selected inductor ripple current.
In order to prevent overtemperature working conditions, inductor must be able to provide an
RMS current greater than the maximum RMS inductor current ILRMS:
Equation 9
Where
ΔI
L(max) is the maximum ripple current:
Equation 10
If hard saturation inductors are used, the inductor saturation current should be much greater
than the maximum inductor peak current Ipeak:
Equation 11
Using soft-saturation inductors it’s possible to choose inductors with saturation current limit
nearly to Ipeak.
Below there is a list of some inductor manufacturers.
IN
OUT
L
sw
OUT
IN
V
V
I
f
V
V
L
×
Δ
×
−
=
12
(max))
I
(
(max))
I
(
I
2
L
2
LOAD
LRMS
Δ
+
=
max
IN
OUT
sw
OUT
max
IN
L
V
V
L
f
V
V
(max)
I
×
×
−
=
Δ
2
(max)
I
(max)
I
Ipeak
L
LOAD
Δ
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com