Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM6686TR Datasheet(PDF) 36 Page - STMicroelectronics

Part # PM6686TR
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686TR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button PM6686TR Datasheet HTML 32Page - STMicroelectronics PM6686TR Datasheet HTML 33Page - STMicroelectronics PM6686TR Datasheet HTML 34Page - STMicroelectronics PM6686TR Datasheet HTML 35Page - STMicroelectronics PM6686TR Datasheet HTML 36Page - STMicroelectronics PM6686TR Datasheet HTML 37Page - STMicroelectronics PM6686TR Datasheet HTML 38Page - STMicroelectronics PM6686TR Datasheet HTML 39Page - STMicroelectronics PM6686TR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Monitoring and protections
PM6686
36/50
Doc ID 15281 Rev 4
9.5
Charge pump
The PM6686 can drive an external charge pump circuit whose typical application schematic
is shown in the next figure.
Figure 54.
Charge pump application circuit
The charge pump works in 4 phases:
1.
LGATE is low. C1 is charged through the D1a diode at OUT1 voltage minus the diode
drop.
2.
LGATE is driven high and C1 transfers the charge to C2. C2 voltage is OUT1 voltage
plus the LGATE voltage minus the voltage drops on D1 and D2.
3.
LGATE is turned low and C2 shares its charge with C3 thought D3.
4.
LGATE becomes high and C3 can charge C4 thought diode D4.
Every diode used to transfer charge introduces a voltage drop that decreases the charge
pump output voltage.
Repeating this cycle several times makes the charge pump output voltage equals to:
Equation 6
Where VCP is the charge pump output voltage, VOUT1 is the output voltage of the switching
section 1, VLGATE1 is the low-side MOSFET gate driving voltage and VDIODE is the forward
voltage droop of the diodes used in the application.
CP_FB pin must be connected to the output of the charge pump with a resistor divider;
when CP_FB pin droops below 2 V typ., OUT1 controller starts a NA SKIP cycle to boost the
voltage of the charge pump.
 
PHASE
LGATE
COU T
L
CP_FB
Vo ut
C4
R2
R1
C1
C3
C2
D1
D3
D2
D4
CP
DIODE
1
LGATE
1
OUT
CP
V
4
V
2
V
V
−
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com