Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM6686TR Datasheet(PDF) 42 Page - STMicroelectronics

Part # PM6686TR
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686TR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button PM6686TR Datasheet HTML 38Page - STMicroelectronics PM6686TR Datasheet HTML 39Page - STMicroelectronics PM6686TR Datasheet HTML 40Page - STMicroelectronics PM6686TR Datasheet HTML 41Page - STMicroelectronics PM6686TR Datasheet HTML 42Page - STMicroelectronics PM6686TR Datasheet HTML 43Page - STMicroelectronics PM6686TR Datasheet HTML 44Page - STMicroelectronics PM6686TR Datasheet HTML 45Page - STMicroelectronics PM6686TR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
Diode selection
PM6686
42/50
Doc ID 15281 Rev 4
11
Diode selection
11.1
Freewheeling diode
A rectifier across the low-side MOSFET is recommended. The rectifier works as a voltage
clamp across the synchronous rectifier and reduces the negative inductor swing during the
dead time between turning the high-side MOSFET off and the synchronous rectifier on. It
can increase the efficiency of the switching section, since it reduces the low-side switch
losses. A Schottky diode is suitable for its low forward voltage drop (0.3 V). The diode
reverse voltage must be greater than the maximum input voltage. A minimum recovery
reverse charge is preferable. Below there is a list of some Schottky diode manufacturers.
11.2
Charge pump diode
The charge pump capacitors are fed by the current supplied by LGATE1 (output of the low-
side driver for the section 1). Dual in package diodes, in series configuration, could be used
to reduce the area occupation.
Table 20.
Schottky diode manufacturer
Manufacturer
Series
Forward voltage
(V)
Rated reverse
voltage (V)
Reverse current
(
μA)
ST
STPS1L30M
0.34
30
0.00039
ST
STPS1L20M
0.37
20
0.000075
Table 21.
Schottky diode manufacturer
Manufacturer
Series
Forward voltage
(V)
Rated reverse
voltage (V)
Max forward
current (A)
ST
BAT54S
0.24
40
0.3
ST
BAR43A
0.35
30
0.1
ST
BAS69-04
0.35
15
0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com