Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5528-AP Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5528-AP
Description  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5528-AP Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5528-AP Datasheet HTML 3Page - Cirrus Logic CS5528-AP Datasheet HTML 4Page - Cirrus Logic CS5528-AP Datasheet HTML 5Page - Cirrus Logic CS5528-AP Datasheet HTML 6Page - Cirrus Logic CS5528-AP Datasheet HTML 7Page - Cirrus Logic CS5528-AP Datasheet HTML 8Page - Cirrus Logic CS5528-AP Datasheet HTML 9Page - Cirrus Logic CS5528-AP Datasheet HTML 10Page - Cirrus Logic CS5528-AP Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
CS5521/22/23/24/28
DS317F2
7
TYPICAL RMS NOISE, CS5521/23 (Notes 10 and 11)
Notes: 10. Wideband noise aliased into the baseband. Referred to the input. Typical values shown for 25° C.
11. To estimate Peak-to-Peak Noise, multiply RMS noise by 6.6 for all ranges and output rates.
12. For input ranges <100 mV and output rates
≥60 Hz, 16.384 kHz chopping frequency is used.
TYPICAL NOISE FREE RESOLUTION (BITS), CS5521/23 (Note 13)
Notes: 13. For bipolar mode, the number of bits of Noise Free Resolution is LOG((2XInput Range)/(6.6xRMS
Noise))/LOG(2) rounded to the nearest bit. For unipolar mode, the number of bits of Noise Free
Resolution is LOG((Input Range)/(6.6xRMS Noise))/LOG(2) rounded to the nearest bit. Also, the
CS5521/23’s output conversions are 16 bits. Noise free Resolution numbers are based upon
VREF = 2.5 V and XIN = 32.768 kHz. The values will be affected directly by changes in VREF, but the
effects due to changes in the XIN frequency will be minor.
Output Rate
(Hz)
-3 dB Filter
Frequency
Input Range, (Bipolar/Unipolar Mode)
25 mV
55 mV
100 mV
1 V
2.5 V
5 V
1.88
1.64
90 nV
148 nV
220 nV
1.8 µV
3.9 µV
7.8 µV
3.76
3.27
122 nV
182 nV
310 nV
2.6 µV
5.7 µV
11.3 µV
7.51
6.55
180 nV
267 nV
435 nV
3.7 µV
8.5 µV
18.1 µV
15.0
12.7
280 nV
440 nV
810 nV
5.7 µV
14 µV
28 µV
30.0
25.4
580 nV
1.1 µV
2.1 µV
18.2 µV
48 µV
96 µV
61.6 (Note 12)
50.4
2.6 µV
4.9 µV
8.5 µV
92 µV
238 µV
390 µV
84.5 (Note 12)
70.7
11 µV
27 µV
43 µV
458 µV
1.1 mV
2.4 mV
101.1 (Note 12)
84.6
41 µV
72 µV
130 µV
1.2 mV
3.4 mV
6.7 mV
Output Rate
(Hz)
-3 dB Filter
Frequency
Input Range, (Bipolar Mode)
25 mV
55 mV
100 mV
1 V
2.5 V
5 V
1.88
1.64
16
16
16
16
16
16
3.76
3.27
16
16
16
16
16
16
7.51
6.55
15
16
16
16
16
16
15.0
12.7
15
15
15
16
16
16
30.0
25.4
14
14
14
14
14
14
61.6 (Note 12)
50.4
12
12
12
12
12
12
84.5 (Note 12)
70.7
9
9
9
9
9
9
101.1 (Note 12)
84.6
8
8
8
8
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com