Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5528-AP Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS5528-AP
Description  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5528-AP Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS5528-AP Datasheet HTML 42Page - Cirrus Logic CS5528-AP Datasheet HTML 43Page - Cirrus Logic CS5528-AP Datasheet HTML 44Page - Cirrus Logic CS5528-AP Datasheet HTML 45Page - Cirrus Logic CS5528-AP Datasheet HTML 46Page - Cirrus Logic CS5528-AP Datasheet HTML 47Page - Cirrus Logic CS5528-AP Datasheet HTML 48Page - Cirrus Logic CS5528-AP Datasheet HTML 49Page - Cirrus Logic CS5528-AP Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
CS5521/22/23/24/28
46
DS317F2
verter stays constant but the number of codes af-
fected is doubled because the code size has been
reduced by half.
The converter input ranges are specified with a
voltage reference of 2.5 V. The device can be op-
erated with the reference tied directly to the +5 V
supply. When this is done, the input span of the in-
put ranges is doubled; the 25 mV range actually be-
comes a 50 mV range. The gain register can be set
to 2.0 (shift contents left one bit) and the input
range will be scaled back to 25 mV. Since the gain
register can actually be as great as 4-2-22 decimal,
one could scale the input span on the 25 mV range
to accept an analog full scale span of about
6.25 mV. This is useful for ratiometric bridge mea-
surement of low level differential outputs.
The gain register can also be scaled manually to a
value lower than 1.0. It is not recommended to use
the devices with the gain register scaled lower than
0.6.
This can enable the converter to accept a
40 mV input signal on the 25 mV range when using
a voltage reference of 2.5 V. Caution though in
scaling the gain register below 1.0 on the 100 mV,
2.5 and 5 volt ranges as the analog signal path into
the converter may saturate before the expected full
scale code output is produced by the converter.
Note that digital gain scaling will directly influence
the number of digital output codes affected by
noise. The effects can be analytically determined
by calculating the size of the codes (V/Count)
which result from a given gain scaling condition
and relating the amount of noise in the converter
relative to the determined code size. The evalua-
tion board for the converter is a useful tool to aid
the assessment of noise performance with various
voltage reference values, input range settings, and
gain register settings. The evaluation board sup-
ports noise analysis through data capture and noise
histogram analysis.
2.10 Getting Started
The CS5521/22/23/24/28 have many features.
From a software programmer’s perspective, what
should be done first? To begin, a 32.768 kHz crys-
tal takes approximately 500 ms to start-up. To ac-
commodate for this, it is recommended that a
software delay of approximately 500 ms to 1 sec-
ond precede the processor’s ADC initialization
code before any registers are accessed in the ADC.
This delay time is dependent on the start-up delay
of the clock source. If a CMOS clock source with
no start-up delay is being used to drive the ADC,
then this delay is not necessary.
The converters include an on-chip power on reset
circuit to automatically reset the ADCs shortly af-
ter
power
up.
When
power
to
the
CS5521/22/23/24/28 is applied, the chips are held
in a reset condition until the 32.768 kHz oscillator
has started and a counter-timer elapses. The
counter-timer counts 2006 oscillator clock cycles
to make sure the oscillator is fully stable. During
this time-out period the serial port logic is reset and
the RV (Reset Valid) bit in the configuration regis-
ter is set to indicate that a valid reset occurred. In
normal start-up conditions, this power-on-reset cir-
cuit should reset the chip when power is applied. If
your application may experience abnormal power
start-up conditions, the following sequence of in-
structions should be performed to guarantee the
converter begins proper operation:
1) After power is applied, initialize the serial port
using the serial port synchronization sequence.
2) Write a ‘1’ to the reset bit (RS) of the configu-
ration register to reset the converter.
3) Read the configuration register to determine if
the reset valid bit (RV) is set to ‘1’. If the RV
bit is not set, the configuration register should
be read again.
4) When the RV bit has been set to ‘1’, reset the
RS bit back to ‘0’ by writing to 0x000000 to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com