Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5528-AP Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS5528-AP
Description  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5528-AP Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS5528-AP Datasheet HTML 38Page - Cirrus Logic CS5528-AP Datasheet HTML 39Page - Cirrus Logic CS5528-AP Datasheet HTML 40Page - Cirrus Logic CS5528-AP Datasheet HTML 41Page - Cirrus Logic CS5528-AP Datasheet HTML 42Page - Cirrus Logic CS5528-AP Datasheet HTML 43Page - Cirrus Logic CS5528-AP Datasheet HTML 44Page - Cirrus Logic CS5528-AP Datasheet HTML 45Page - Cirrus Logic CS5528-AP Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
CS5521/22/23/24/28
42
DS317F2
2.6 Digital Filter
The CS5521/22/23/24/28 have eight different lin-
ear phase digital filters which set the output word
rates (OWRs) shown in Table 3. These rates as-
sume that XIN is 32.768 kHz. Each of the filters
has a magnitude response similar to that shown in
Figure 18. The filters are optimized to settle to full
accuracy every conversion and yield better than
80 dB rejection for both 50 and 60 Hz with output
word rates at or below 15.0 Hz.
The converter’s digital filters scale with XIN. For
example with an output word rate of 15 Hz, the fil-
ter’s corner frequency is typically 12.7 Hz using a
32.768 kHz
clock.
If
XIN
is
increased
to
65.536 kHz the OWR doubles and the filter’s cor-
ner frequency moves to 25.4 Hz.
2.7 Clock Generator
The CS5521/22/23/24/28 include a gate which can
be connected with an external crystal to provide the
master clock for the chip. The chips are designed to
operate using a low-cost 32.768 kHz “tuning fork”
type crystal. One lead of the crystal should be con-
nected to XIN and the other to XOUT. Lead lengths
should be minimized to reduce stray capacitance.
Note that the oscillator circuit will also operate
with a 100 kHz “tuning fork” type crystal.
The converters will operate with an external
(CMOS compatible) clock with frequencies up to
130 kHz (CS5521/23) or 200 kHz (CS5522/24/28).
Figures 19 and 20
detail
the
CS5521/23
and
CS5522/24/28’s performance (respectively) at in-
creased clock rates.
The 32.768 kHz crystal is normally specified as a
time-keeping crystal with tight specifications for
both initial frequency and for drift over tempera-
ture. To maintain excellent frequency stability,
these crystals are specified only over limited oper-
ating temperature ranges (i.e. -10° C to +60° C).
However,
applications
with
the
CS5521/22/23/24/28 don’t generally require such
tight tolerances.
Figure 18. Filter Response (Normalized to Output
Word Rate = 1)
0.0004
0.0006
0.0008
0.001
0.0012
0.0014
0.0016
0.0018
0.002
30
50
70
90
110
130
XIN (kHz)
Figure 19. Typical Linearity Error for CS5521/23
0.0004
0.0005
0.0006
0.0007
0.0008
0.0009
0.001
0.0011
0.0012
0.0013
20
40
60
80
100 120 140 160 180 200
XIN (kHz)
Figure 20. Typical Linearity Error for CS5522/24/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com