Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5528-AP Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5528-AP
Description  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5528-AP Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5528-AP Datasheet HTML 16Page - Cirrus Logic CS5528-AP Datasheet HTML 17Page - Cirrus Logic CS5528-AP Datasheet HTML 18Page - Cirrus Logic CS5528-AP Datasheet HTML 19Page - Cirrus Logic CS5528-AP Datasheet HTML 20Page - Cirrus Logic CS5528-AP Datasheet HTML 21Page - Cirrus Logic CS5528-AP Datasheet HTML 22Page - Cirrus Logic CS5528-AP Datasheet HTML 23Page - Cirrus Logic CS5528-AP Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
CS5521/22/23/24/28
20
DS317F2
2.2.4 Command Register Descriptions
READ/WRITE INDIVIDUAL OFFSET CALIBRATION REGISTER
Function
:
These commands are used to access each offset register separately. CS1 - CS0 decode the
registers accessed.
R/W (Read/Write)
0
Write to selected register.
1
Read from selected register.
CS[2:0] (Channel Select Bits)
000
Offset Register 1(All devices)
001
Offset Register 2 (All devices)
010
Offset Register 3 (CS5523/24/28 only)
011
Offset Register 4 (CS5523/24/28 only)
100
Offset Register 5 (CS5528 only)
101
Offset Register 6 (CS5528 only)
110
Offset Register 7 (CS5528 only)
111
Offset Register 8 (CS5528 only)
READ/WRITE INDIVIDUAL GAIN REGISTER
Function
:
These commands are used to access each gain register separately. CS1 - CS0 decode the reg-
isters accessed.
R/W (Read/Write)
0
Write to selected register.
1
Read from selected register.
CS[2:0] (Channel Select Bits)
000
Gain Register 1(All devices)
001
Gain Register 2 (All devices)
010
Gain Register 3 (CS5523/24/28 only)
011
Gain Register 4 (CS5523/24/28 only)
100
Gain Register 5 (CS5528 only)
101
Gain Register 6 (CS5528 only)
110
Gain Register 7 (CS5528 only)
111
Gain Register 8 (CS5528 only)
D7(MSB)
D6
D5D4D3D2D1
D0
0
CS2
CS1
CS0
R/W
00
1
D7(MSB)
D6
D5D4D3D2D1
D0
0
CS2
CS1
CS0
R/W
01
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com