Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5528-AP Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS5528-AP
Description  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5528-AP Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS5528-AP Datasheet HTML 28Page - Cirrus Logic CS5528-AP Datasheet HTML 29Page - Cirrus Logic CS5528-AP Datasheet HTML 30Page - Cirrus Logic CS5528-AP Datasheet HTML 31Page - Cirrus Logic CS5528-AP Datasheet HTML 32Page - Cirrus Logic CS5528-AP Datasheet HTML 33Page - Cirrus Logic CS5528-AP Datasheet HTML 34Page - Cirrus Logic CS5528-AP Datasheet HTML 35Page - Cirrus Logic CS5528-AP Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
CS5521/22/23/24/28
32
DS317F2
tion of offset to occur in the 25 mV, 55 mV, and
100 mV ranges, the AIN- pin must be at the proper
common-mode-voltage as specified in ‘Common
Mode +Signal AIN+/-’ specification in the Analog
Input section (if AIN- = 0 V, NBV must be between
-1.8 V to -2.5 V). For self-calibration of offset in the
1.0 V, 2.5 V, and 5 V ranges, the inputs of the mod-
ulator are connected together and then routed to the
VREF- pin as shown in Figure 12.
For self-calibration of gain, the differential inputs
of the modulator are connected to VREF+ and
VREF- as shown in Figure 13. For any input range
other than the 2.5 V range, the converter’s gain er-
ror can not be completely calibrated out when using
self-calibration. This is due to the lack of an accu-
rate full scale voltage internal to the chips. The
2.5 V range is an exception because the external
reference voltage is 2.5 V nominal and is used as
the full scale voltage. In addition, when self-cali-
bration of gain is performed in the 25 mV, 55 mV,
and 100 mV input ranges, the instrumentation am-
plifier’s gain is not calibrated. These two factors
can leave the converters with a gain error of up to
±20% after self-calibration of gain. Therefore, a
system gain calibration is required to get better ac-
curacy, except for the 2.5 V range.
2.3.2 System Calibration
For the system calibration functions, the user must
supply the calibration signals to the converter which
represent ground and full scale. When a system offset
calibration is performed, a ground referenced signal
must
be
applied
to
the
converters.
See
Figures 14 and 15.
As shown in Figures 16 and 17, the user must input
a signal representing the positive full scale point to
AIN+
AIN-
S1
OPEN
S2
CLOSED
+
-
X20
+
-
Figure 11. Self Calibration of Offset (Low Ranges)
AIN+
AIN-
S1
OPEN
+
-
X20
+
-
S2
OPEN
S4
CLOSED
VREF-
Figure 12. Self Calibration of Offset (High Ranges)
AIN+
AIN-
OPEN
+
-
X20
+
-
OPEN
CLOSED
VREF+
CLOSED
VREF-
+
-
Reference
Figure 13. Self Calibration of Gain (All Ranges)
+
-
X20
+
-
External
Connections
0V
+
-
AIN+
AIN-
CM +
-
Figure 14. System Calibration of Offset (Low Ranges)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com