Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F107ACM Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F107ACM
Description  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107ACM Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F107ACM Datasheet HTML 1Page - Renesas Technology Corp R5F107ACM Datasheet HTML 2Page - Renesas Technology Corp R5F107ACM Datasheet HTML 3Page - Renesas Technology Corp R5F107ACM Datasheet HTML 4Page - Renesas Technology Corp R5F107ACM Datasheet HTML 5Page - Renesas Technology Corp R5F107ACM Datasheet HTML 6Page - Renesas Technology Corp R5F107ACM Datasheet HTML 7Page - Renesas Technology Corp R5F107ACM Datasheet HTML 8Page - Renesas Technology Corp R5F107ACM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 107 page
background image
RL78/I1A
1. OUTLINE
Page 4 of 105
Under development
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
1.3 Pin Configuration (Top View)
1.3.1 20-pin products
 20-pin plastic LSSOP (4.4 x 6.5)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
P22/ANI2/CMP0P
P24/ANI4/CMP1P
P25/ANI5/CMP2P
P147/CMPCOM/ANI18/(CMP3P)
P10/TxD0/TKCO00/INTP20/SCLA0/(DALITxD4)
P11/RxD0/TKCO01/INTP21/SDAA0/(TI07)/(DALIRxD4)/(TxRx4)/(INTP0)
P200/TKBO00/INTP22
P201/TKBO01
P202/TKBO10/(INTP21)
P203/TKBO11/TKCO02/(INTP20)
P21/ANI1/AVREFM
P20/ANI0/AVREFP
P40/TOOL0
RESET
P137/INTP0
P122/X2/EXCLK
P121/X1
REGC
VSS
VDD
Caution Connect the REGC pin to Vss via a capacitor (0.47 to 1
F).
Remarks 1. For pin identification, see 1.4 Pin Identification.
2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O
redirection register (PIOR1) or the input switch control register (ISC). See Figure 4-8 Format of
Peripheral I/O Redirection Register (PIOR1) and Figure 15-20
Format of Input Switch
Control Register (ISC) in the RL78/I1A User's Manual.
3. The shared function CMP3P can be assigned to P147 by setting the CMPSEL0 bit in the
comparator input switch control register (CMPSEL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com