Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F107ACM Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R5F107ACM
Description  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107ACM Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F107ACM Datasheet HTML 9Page - Renesas Technology Corp R5F107ACM Datasheet HTML 10Page - Renesas Technology Corp R5F107ACM Datasheet HTML 11Page - Renesas Technology Corp R5F107ACM Datasheet HTML 12Page - Renesas Technology Corp R5F107ACM Datasheet HTML 13Page - Renesas Technology Corp R5F107ACM Datasheet HTML 14Page - Renesas Technology Corp R5F107ACM Datasheet HTML 15Page - Renesas Technology Corp R5F107ACM Datasheet HTML 16Page - Renesas Technology Corp R5F107ACM Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
RL78/I1A
1. OUTLINE
Page 13 of 105
Under development
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
(3/3)
Item
20-pin
30-pin
38-pin
R5F1076C
R5F107AC, R5F107AE
R5F107DE
Power-on-reset circuit
• Power-on-reset:
1.51 V (TYP.)
• Power-down-reset: 1.50 V (TYP.)
Voltage detector
 Rising edge:
2.81 V to 4.06 V (6 stages)
 Falling edge:
2.75 V to 3.98 V (6 stages)
On-chip debug function
Provided
Power supply voltage
VDD = 2.7 to 5.5 V
Operating ambient temperature
TA =
40 to +105C (G: Industrial applications), TA = 40 to +125C (M: Industrial applications)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com